Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 391Page - Renesas Technology Corp HD6417618 Datasheet HTML 392Page - Renesas Technology Corp HD6417618 Datasheet HTML 393Page - Renesas Technology Corp HD6417618 Datasheet HTML 394Page - Renesas Technology Corp HD6417618 Datasheet HTML 395Page - Renesas Technology Corp HD6417618 Datasheet HTML 396Page - Renesas Technology Corp HD6417618 Datasheet HTML 397Page - Renesas Technology Corp HD6417618 Datasheet HTML 398Page - Renesas Technology Corp HD6417618 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 363 of 610
REJ09B0131-0600
Table 14.8
SCSMR Settings and SCIF Communication Formats
SCSMR Settings
SCIF Communication Format
Bit 7
C/
A
Bit 6
CHR
Bit 5
PE
Bit 3
STOP Mode
Data Length
Parity Bit
Stop Bit
Length
0
0
0
0
8-bit
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
2 bits
1
0
0
7-bit
Not set
1 bit
1
2 bits
1
0
Set
1 bit
1
Asynchronous
2 bits
1
*
*
*
Synchronous
8-bit
Not set
None
Note:
*
: Don't care
Table 14.9
SCSMR and SCSCR Settings and SCIF Clock Source Selection
SCSMR SCSCR Settings
SCIF Transmit/Receive Clock
Bit 7
C/
A
Bit 1
CKE1
Bit 0
CKE0
Mode
Clock
Source
SCK Pin Function
0
0
0
Asynchronous Internal
SCIF does not use the SCK pin. The state
of the SCK pin depends on both the
SCKIO and SCKDT bits.
1
Clock with a frequency 16 times the bit rate
is output.
1
0
External Input a clock with frequency 16 times the
bit rate.
1
Setting prohibited.
1
0
*
Synchronous
Internal
Serial clock is output.
1
0
External Input the serial clock.
1
Setting prohibited.
Note:
*
: Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com