Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 398 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 398 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 394Page - Renesas Technology Corp HD6417618 Datasheet HTML 395Page - Renesas Technology Corp HD6417618 Datasheet HTML 396Page - Renesas Technology Corp HD6417618 Datasheet HTML 397Page - Renesas Technology Corp HD6417618 Datasheet HTML 398Page - Renesas Technology Corp HD6417618 Datasheet HTML 399Page - Renesas Technology Corp HD6417618 Datasheet HTML 400Page - Renesas Technology Corp HD6417618 Datasheet HTML 401Page - Renesas Technology Corp HD6417618 Datasheet HTML 402Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 366 of 610
REJ09B0131-0600
Transmitting and Receiving Data: SCIF Initialization (Asynchronous Mode):
Before transmitting or receiving, clear the TE and RE bits to 0 in the serial control register
(SCSCR), then initialize the SCIF as follows.
When changing the operation mode or the communication format, always clear the TE and RE bits
to 0 before following the procedure given below. Clearing TE to 0 initializes the transmit shift
register (SCTSR). Clearing TE and RE to 0, however, does not initialize the serial status register
(SCFSR), transmit FIFO data register (SCFTDR), or receive FIFO data register (SCFRDR), which
retain their previous contents. Clear TE to 0 after all transmit data has been transmitted and the
TEND flag in the SCFSR is set. The TE bit can be cleared to 0 during transmission, but the
transmit data goes to the Mark state after the bit is cleared to 0. Set the TFRST bit in SCFCR to 1
and reset SCFTDR before TE is set again to start transmission.
When an external clock is used, the clock should not be stopped during initialization or subsequent
operation. SCIF operation becomes unreliable if the clock is stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com