Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 397 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 397 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 393Page - Renesas Technology Corp HD6417618 Datasheet HTML 394Page - Renesas Technology Corp HD6417618 Datasheet HTML 395Page - Renesas Technology Corp HD6417618 Datasheet HTML 396Page - Renesas Technology Corp HD6417618 Datasheet HTML 397Page - Renesas Technology Corp HD6417618 Datasheet HTML 398Page - Renesas Technology Corp HD6417618 Datasheet HTML 399Page - Renesas Technology Corp HD6417618 Datasheet HTML 400Page - Renesas Technology Corp HD6417618 Datasheet HTML 401Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 646 page
background image
Section 14 Serial Communication Interface with FIFO (SCIF)
Rev. 6.00 Jun. 12, 2007 Page 365 of 610
REJ09B0131-0600
Transmit/Receive Formats: Table 14.10 lists the eight communication formats that can be
selected in asynchronous mode. The format is selected by settings in the serial mode register
(SCSMR).
Table 14.10 Serial Communication Formats (Asynchronous Mode)
SCSMR Bits
Serial Transmit/Receive Format and Frame Length
CHR
PE STOP
1
2
3
4
5
6
7
8
9
10
11
12
0
0
0
START
8-bit data
STOP
0
0
1
START
8-bit data
STOP STOP
0
1
0
START
8-bit data
P
STOP
0
1
1
START
8-bit data
P
STOP STOP
1
0
0
START
7-bit data
STOP
1
0
1
START
7-bit data
STOP STOP
1
1
0
START
7-bit data
P
STOP
1
1
1
START
7-bit data
P
STOP STOP
[Legend]
START: Start bit
STOP: Stop bit
P:
Parity bit
Clock: An internal clock generated by the on-chip baud rate generator or an external clock input
from the SCK pin can be selected as the SCIF transmit/receive clock. The clock source is selected
by the C/
A bit in the serial mode register (SCSMR) and bits CKE1 and CKE0 in the serial control
register (SCSCR) (table 14.9).
When an external clock is input at the SCK pin, it must have a frequency equal to 16 times the
desired bit rate.
When the SCIF operates on an internal clock, it can output a clock signal at the SCK pin. The
frequency of this output clock is equal to 16 times the desired bit rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com