Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 465 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 465 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 461Page - Renesas Technology Corp HD6417618 Datasheet HTML 462Page - Renesas Technology Corp HD6417618 Datasheet HTML 463Page - Renesas Technology Corp HD6417618 Datasheet HTML 464Page - Renesas Technology Corp HD6417618 Datasheet HTML 465Page - Renesas Technology Corp HD6417618 Datasheet HTML 466Page - Renesas Technology Corp HD6417618 Datasheet HTML 467Page - Renesas Technology Corp HD6417618 Datasheet HTML 468Page - Renesas Technology Corp HD6417618 Datasheet HTML 469Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 465 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 433 of 610
REJ09B0131-0600
16.1.1
Port A IO Register H (PAIORH)
PAIORH is a 16-bit readable/writable register that selects the input/output directions of the port A
pins. Bits PA25IOR to PA16IOR correspond to pins PA25 to PA16 (the pin name abbreviations
for multiplexed functions are omitted). PAIORH is enabled when a port A pin functions as a
general input/output (PA25 to PA16), otherwise, disabled.
Setting a bit in PAIORH to 1 makes the corresponding pin function as an output and clearing a bit
in PAIORH to 0 makes the pin function as an input.
Bits 15 to 10 in PAIORH are reserved. These bits are always read as 0. The write value should
always be 0.
The initial value of PAIORH is H'0000.
16.1.2
Port A Control Register H1 and H2 (PACRH1 and PACRH2)
PACRH1 and PACRH2 are 16-bit readable/writable registers that select the pin functions for the
multiplexed port A pins.
• PACRH1
Bit
Bit Name
Initial
Value
R/W
Description
15 to 3
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
PA25MD0
0
R/W
PA25 Mode
Selects the function of pin PA25/A25.
0: PA25 input/output (port)
1: A25 output (BSC)
1
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
0
PA24MD0
0
R/W
PA24 Mode
Selects the function of pin PA24/A24.
0: PA24 input/output (port)
1: A24 output (BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com