Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 468 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 468 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 464Page - Renesas Technology Corp HD6417618 Datasheet HTML 465Page - Renesas Technology Corp HD6417618 Datasheet HTML 466Page - Renesas Technology Corp HD6417618 Datasheet HTML 467Page - Renesas Technology Corp HD6417618 Datasheet HTML 468Page - Renesas Technology Corp HD6417618 Datasheet HTML 469Page - Renesas Technology Corp HD6417618 Datasheet HTML 470Page - Renesas Technology Corp HD6417618 Datasheet HTML 471Page - Renesas Technology Corp HD6417618 Datasheet HTML 472Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 468 / 646 page
background image
Section 16 Pin Function Controller (PFC)
Rev. 6.00 Jun. 12, 2007 Page 436 of 610
REJ09B0131-0600
16.1.3
Port B IO Register L (PBIORL)
PBIORL is a 16-bit readable/writable register that selects the input/output directions of the port B
pins. Bits PB13IOR to PB0IOR correspond to pins PB13 to PB00 (the pin name abbreviations for
multiplexed functions are omitted). PBIORL is enabled when a port B pin functions as a general
input/output (PB13 to PB00), otherwise, disabled.
Setting a bit in PBIORL to 1 makes the corresponding pin function as an output and clearing a bit
in PBIORL to 0 makes the pin function as an input.
Bits 15 and 14 in PBIORL are reserved. These bits are always read as 0. The write value should
always be 0.
The initial value of PAIBRL is H'0000.
16.1.4
Port B Control Register L1 and L2 (PBCRL1 and PBCRL2)
PBCRL1 and PBCRL2 are 16-bit readable/writable registers that select the pin functions for the
multiplexed port B pins.
• PBCRL1
Bit
Bit Name
Initial
Value
R/W
Description
15 to 11
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
10
PB13MD0
0
R/W
PB13 Mode
Selects the function of pin PB13/
BS.
0: PB13 input/output (port)
1:
BS output (BSC)
9
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
8
PB12MD0
0
R/W
PB12 Mode
Selects the function of pin PB12/
CS3.
0: PB12 input/output (port)
1:
CS3 output (BSC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com