Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 515Page - Renesas Technology Corp HD6417618 Datasheet HTML 516Page - Renesas Technology Corp HD6417618 Datasheet HTML 517Page - Renesas Technology Corp HD6417618 Datasheet HTML 518Page - Renesas Technology Corp HD6417618 Datasheet HTML 519Page - Renesas Technology Corp HD6417618 Datasheet HTML 520Page - Renesas Technology Corp HD6417618 Datasheet HTML 521Page - Renesas Technology Corp HD6417618 Datasheet HTML 522Page - Renesas Technology Corp HD6417618 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 646 page
background image
Section 18 User Break Controller (UBC)
Rev. 6.00 Jun. 12, 2007 Page 487 of 610
REJ09B0131-0600
• When a break after execution is selected:
The PC value saved is the address of the instruction to be executed following the instruction in
which the break condition matches. The fetched instruction is executed, and a break occurs
before the execution of the next instruction.
• When an address in a data access cycle is specified as a break condition:
The PC value is the address of the instruction to be executed following the instruction that
matched the break condition. The instruction that matched the condition is executed and the
break occurs before the next instruction is executed.
• When an address and data in a data access cycle are specified as a break condition:
The PC value is the start address of the instruction that follows the instruction already executed
when break processing started. When a data value is added to the break conditions, the break
will occur before the execution of an instruction that is within two instructions of the
instruction that matched the break condition. Therefore, where the break will occur cannot be
specified exactly.
18.3.6
PC Trace
• Setting PCTE in BRCR to 1 enables PC traces. When branch (branch instruction, and
interrupt) is generated, the branch source address and branch destination address are stored in
BRSR and BRDR, respectively.
• The branch source address has different values due to the kind of branch.
 Branch instruction
The branch instruction address.
 Interrupt and exception
The address of the instruction in which the interrupt or exception was accepted. This
address is equal to the return address saved onto the stack.
The start address of the interrupt or exception handling routine is stored in BRDR.
The TRAPA instruction belongs to interrupt and exception above.
• BRSR and BRDR have four pairs of queue structures. The top of queues is read first when the
address stored in the PC trace register is read. BRSR and BRDR share the read pointer. Read
BRSR and BRDR in order, the queue only shifts after BRDR is read. After switching the
PCTE bit (in BRCR) off and on, the values in the queues are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com