Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 540 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 540 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 536Page - Renesas Technology Corp HD6417618 Datasheet HTML 537Page - Renesas Technology Corp HD6417618 Datasheet HTML 538Page - Renesas Technology Corp HD6417618 Datasheet HTML 539Page - Renesas Technology Corp HD6417618 Datasheet HTML 540Page - Renesas Technology Corp HD6417618 Datasheet HTML 541Page - Renesas Technology Corp HD6417618 Datasheet HTML 542Page - Renesas Technology Corp HD6417618 Datasheet HTML 543Page - Renesas Technology Corp HD6417618 Datasheet HTML 544Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 646 page
background image
Section 19 User Debugging Interface (H-UDI)
Rev. 6.00 Jun. 12, 2007 Page 508 of 610
REJ09B0131-0600
Data loaded into the output pin boundary scan register in the Capture-DR state is not used for
external circuit testing (it is replaced by a shift operation).
The upper four bits of the instruction code are 0000.
IDCODE: A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in the
IDCODE mode stipulated by JTAG. When the H-UDI is initialized (
TRST is asserted or TAP is in
the Test-Logic-Reset state), the IDCODE mode is entered.
CLAMP, HIGHZ: A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in
the CLAMP or HIGHZ mode stipulated by JTAG.
19.5.2
Points for Attention
• Boundary scan mode does not cover clock-related signals (EXTAL, XTAL, CKIO, and
CK_PHY).
• Boundary scan mode does not cover system- and E10A-related signals (RES and ASEMD).
• Boundary scan mode does not cover H-UDI-related signals (TCK, TDI, TDO, TMS, and
TRST).
• When the EXTEST, CLAMP, and HIGHZ commands are set, fix the RES pin low.
• When a boundary scan test for other than BYPASS and IDCODE is carried out, fix the
ASEMD pin high.
19.6
Usage Notes
• An H-UDI command, once set, will not be modified as long as another command is not re-
issued from the H-UDI. If the same command is given continuously, the command must be set
after a command (BYPASS, etc.) that does not affect LSI operations is once set.
• Because LSI operations are suspended in standby mode, H-UDI commands are not accepted.
To hold the state of the TAP before and after standby mode, the TCK signal must be high
during standby mode transition.
• The H-UDI is used for emulator connection. Therefore, H-UDI functions cannot be used when
using an emulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com