Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 543 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 543 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 539Page - Renesas Technology Corp HD6417618 Datasheet HTML 540Page - Renesas Technology Corp HD6417618 Datasheet HTML 541Page - Renesas Technology Corp HD6417618 Datasheet HTML 542Page - Renesas Technology Corp HD6417618 Datasheet HTML 543Page - Renesas Technology Corp HD6417618 Datasheet HTML 544Page - Renesas Technology Corp HD6417618 Datasheet HTML 545Page - Renesas Technology Corp HD6417618 Datasheet HTML 546Page - Renesas Technology Corp HD6417618 Datasheet HTML 547Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 543 / 646 page
background image
Section 20 List of Registers
Rev. 6.00 Jun. 12, 2007 Page 511 of 610
REJ09B0131-0600
Register Name
Abbreviation No. of Bits
Address
Module
Access Size
Port E control register H2
PECRH2
16
H'F805004A
I/O
8/16
Port E control register L1
PECRL1
16
H'F805004C
I/O
8/16
Port E control register L2
PECRL2
16
H'F805004E
I/O
8/16
Interrupt priority register C
IPRC
16
H'F8080000
INTC
16
Interrupt priority register D
IPRD
16
H'F8080002
INTC
16
Interrupt priority register E
IPRE
16
H'F8080004
INTC
16
Standby control register 3
STBCR3
8
H'F80A0000
Power-
down
mode
8
Standby control register 4
STBCR4
8
H'F80A0004
Power-
down
mode
8
PHY-LSI clock frequency control
register
MCLKCR
8
H'F80A000C
CPG
8/16*
1
Instruction register
SDIR
16
H'F8100200
H-UDI
16
ID register
SDID
32
H'F8100214
H-UDI
16/32
Interrupt control register 0
ICR0
16
H'F8140000
INTC
8/16
IRQ control register
IRQCR
16
H'F8140002
INTC
8/16
IRQ status register
IRQSR
16
H'F8140004
INTC
8/16
Interrupt priority register A
IPRA
16
H'F8140006
INTC
8/16
Interrupt priority register B
IPRB
16
H'F8140008
INTC
8/16
Frequency control register
FRQCR
16
H'F815FF80
CPG
16
Standby control register
STBCR
8
H'F815FF82
Power-
down
mode
8
Watch dog timer counter
WTCNT
8
H'F815FF84
WDT
8/16*
1
Watch dog timer control/status
register
WTCSR
8
H'F815FF86
WDT
8/16*
1
Standby control register 2
STBCR2
8
H'F815FF88
Power-
down
mode
8
Serial mode register_0
SCSMR_0
16
H'F8400000
SCIF_0
16
Bit rate register_0
SCBRR_0
8
H'F8400004
SCIF_0
8
Serial control register_0
SCSCR_0
16
H'F8400008
SCIF_0
16
Transmit FIFO data register_0
SCFTDR_0
8
H'F840000C
SCIF_0
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com