Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 545 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 545 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 541Page - Renesas Technology Corp HD6417618 Datasheet HTML 542Page - Renesas Technology Corp HD6417618 Datasheet HTML 543Page - Renesas Technology Corp HD6417618 Datasheet HTML 544Page - Renesas Technology Corp HD6417618 Datasheet HTML 545Page - Renesas Technology Corp HD6417618 Datasheet HTML 546Page - Renesas Technology Corp HD6417618 Datasheet HTML 547Page - Renesas Technology Corp HD6417618 Datasheet HTML 548Page - Renesas Technology Corp HD6417618 Datasheet HTML 549Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 646 page
background image
Section 20 List of Registers
Rev. 6.00 Jun. 12, 2007 Page 513 of 610
REJ09B0131-0600
Register Name
Abbreviation No. of Bits
Address
Module
Access Size
Compare match timer control/status
register_1
CMCSR_1
16
H'F84A0078
CMT
8/16
Compare match counter_1
CMCNT_1
16
H'F84A007A
CMT
8/16
Compare match timer constant
register_1
CMCOR_1
16
H'F84A007C
CMT
8/16
HIF index register
HIFIDX
32
H'F84D0000
HIF
32
HIF general status register
HIFGSR
32
H'F84D0004
HIF
32
HIF status/control register
HIFSCR
32
H'F84D0008
HIF
32
HIF memory control register
HIFMCR
32
H'F84D000C
HIF
32
HIF internal Interrupt control register
HIFIICR
32
H'F84D0010
HIF
32
HIF external Interrupt control register HIFEICR
32
H'F84D0014
HIF
32
HIF address register
HIFADR
32
H'F84D0018
HIF
32
HIF data register
HIFDATA
32
H'F84D001C
HIF
32
HIFDREQ trigger register
HIFDTR
32
H'F84D0020
HIF
32
HIF bank Interrupt control register
HIFBICR
32
H'F84D0024
HIF
32
HIF boot control register
HIFBCR
32
H'F84D0040
HIF
32
Common control register
CMNCR
32
H'F8FD0000
BSC
32
Bus control register for area 0
CS0BCR
32
H'F8FD0004
BSC
32
Bus control register for area 3
CS3BCR
32
H'F8FD000C
BSC
32
Bus control register for area 4
CS4BCR
32
H'F8FD0010
BSC
32
Bus control register for area 5B
CS5BBCR
32
H'F8FD0018
BSC
32
Bus control register for area 6B
CS6BBCR
32
H'F8FD0020
BSC
32
Wait control register for area 0
CS0WCR
32
H'F8FD0024
BSC
32
Wait control register for area 3
CS3WCR
32
H'F8FD002C
BSC
32
Wait control register for area 4
CS4WCR
32
H'F8FD0030
BSC
32
Wait control register for area 5B
CS5BWCR
32
H'F8FD0038
BSC
32
Wait control register for area 6B
CS6BWCR
32
H'F8FD0040
BSC
32
SDRAM control register
SDCR
32
H'F8FD0044
BSC
32
Refresh timer control/status register
RTCSR
32
H'F8FD0048
BSC
32
Refresh timer counter
RTCNT
32
H'F8FD004C
BSC
32
Refresh time constant register
RTCOR
32
H'F8FD0050
BSC
32
E-DMAC mode register
EDMR
32
H'FB000000
E-DMAC
32
E-DMAC transmit request register
EDTRR
32
H'FB000004
E-DMAC
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com