Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 98Page - Renesas Technology Corp HD6417618 Datasheet HTML 99Page - Renesas Technology Corp HD6417618 Datasheet HTML 100Page - Renesas Technology Corp HD6417618 Datasheet HTML 101Page - Renesas Technology Corp HD6417618 Datasheet HTML 102Page - Renesas Technology Corp HD6417618 Datasheet HTML 103Page - Renesas Technology Corp HD6417618 Datasheet HTML 104Page - Renesas Technology Corp HD6417618 Datasheet HTML 105Page - Renesas Technology Corp HD6417618 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 70 of 610
REJ09B0131-0600
Power-On Reset by WDT: When TCNT of the WDT overflows while a setting is made so that a
power-on reset can be generated in watchdog timer mode of the WDT, this LSI enters the power-
on reset state.
If a reset caused by the signal input on the
RES pin and a reset caused by a WDT overflow occur
simultaneously, the
RES pin reset has priority, and the WOVF bit in RSTCSR is cleared to 0.
When the power-on reset exception handling caused by the WDT is started, the CPU operates as
follows:
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
of the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception handling vector table are set in the PC and SP, then the
program starts.
5.2.3
H-UDI Reset
The H-UDI reset is generated by issuing the H-UDI reset assert command. The CPU operation is
described below. For details, see section 19, User Debugging Interface (H-UDI).
1. The initial value (execution start address) of the program counter (PC) is fetched from the
exception handling vector table.
2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table.
3. The vector base register (VBR) is cleared to H'00000000 and the interrupt mask bits (I3 to I0)
in the status register (SR) are set to H'F (B'1111).
4. The values fetched from the exception handling vector table are set in PC and SP, then the
program starts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com