Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 106 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 106 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 102Page - Renesas Technology Corp HD6417618 Datasheet HTML 103Page - Renesas Technology Corp HD6417618 Datasheet HTML 104Page - Renesas Technology Corp HD6417618 Datasheet HTML 105Page - Renesas Technology Corp HD6417618 Datasheet HTML 106Page - Renesas Technology Corp HD6417618 Datasheet HTML 107Page - Renesas Technology Corp HD6417618 Datasheet HTML 108Page - Renesas Technology Corp HD6417618 Datasheet HTML 109Page - Renesas Technology Corp HD6417618 Datasheet HTML 110Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 646 page
background image
Section 5 Exception Handling
Rev. 6.00 Jun. 12, 2007 Page 74 of 610
REJ09B0131-0600
5.5
Exceptions Triggered by Instructions
5.5.1
Types of Exceptions Triggered by Instructions
Exception handling can be triggered by the trap instruction, illegal slot instructions, and general
illegal instructions, as shown in table 5.9.
Table 5.9
Types of Exceptions Triggered by Instructions
Type
Source Instruction
Comment
Trap instruction
TRAPA
Illegal slot
instructions*
Undefined code placed
immediately after a delayed
branch instruction (delay slot) or
instructions that changes the PC
value
Delayed branch instructions: JMP, JSR,
BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF,
BRAF
Instructions that changes the PC value:
JMP, JSR, BRA, BSR, RTS, RTE, BT, BF,
TRAPA, BF/S, BT/S, BSRF, BRAF, LDC
Rm,SR, LDC.L @Rm+,SR
General illegal
instructions*
Undefined code anywhere
besides in a delay slot
Note:
*
The operation is not guaranteed when undefined instructions other than H'FC00 to
H'FFFF are decoded.
5.5.2
Trap Instructions
When a TRAPA instruction is executed, the trap instruction exception handling starts. The CPU
operates as follows:
1. The status register (SR) is saved to the stack.
2. The program counter (PC) is saved to the stack. The PC value saved is the start address of the
instruction to be executed after the TRAPA instruction.
3. The CPU reads the start address of the exception handling routine from the exception handling
vector table that corresponds to the vector number specified in the TRAPA instruction,
program execution branches to that address, and then the program starts. This branch is not a
delayed branch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com