Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 204Page - Renesas Technology Corp HD6417618 Datasheet HTML 205Page - Renesas Technology Corp HD6417618 Datasheet HTML 206Page - Renesas Technology Corp HD6417618 Datasheet HTML 207Page - Renesas Technology Corp HD6417618 Datasheet HTML 208Page - Renesas Technology Corp HD6417618 Datasheet HTML 209Page - Renesas Technology Corp HD6417618 Datasheet HTML 210Page - Renesas Technology Corp HD6417618 Datasheet HTML 211Page - Renesas Technology Corp HD6417618 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 176 of 610
REJ09B0131-0600
2. Self-refreshing
When self-refreshing mode is selected, the refresh timing and refresh addresses are generated
within the synchronous DRAM. Self-refreshing is activated by setting both the RMODE bit
and the RFSH bit in SDCR to 1. After starting the self-refreshing, the PALL command is
issued in the Tp cycle after the completion of pre-charging the bank. The SELF command is
then issued after inserting idle cycles of which the number is specified by bits WTRP1 and
WTRP0 in CSnWSR. Synchronous DRAM cannot be accessed while self-refreshing.
Self-refreshing mode is cleared by clearing the RMODE bit to 0. After self-refreshing mode
has been cleared, command issuance is disabled for the number of cycles specified by bits
WTRC1 and WTRC0 in CSnWCR.
Self-refreshing timing is shown in figure 7.24. Settings must be made immediately after
clearing self-refreshing mode so that auto-refreshing is performed at the correct intervals.
When self-refreshing is activated from the auto-refreshing mode, only clearing the RMODE bit
to 1 resumes auto-refreshing mode. If it takes long time to start the auto-refreshing, setting
RTCNT to the value of RTCOR
− 1 starts the auto-refreshing immediately.
After self-refreshing has been set, the self-refreshing mode continues even in standby mode,
and is maintained even after recovery from standby mode by an interrupt.
Since the BSC registers are initialized at a power-on reset, the self-refreshing mode is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com