Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 205Page - Renesas Technology Corp HD6417618 Datasheet HTML 206Page - Renesas Technology Corp HD6417618 Datasheet HTML 207Page - Renesas Technology Corp HD6417618 Datasheet HTML 208Page - Renesas Technology Corp HD6417618 Datasheet HTML 209Page - Renesas Technology Corp HD6417618 Datasheet HTML 210Page - Renesas Technology Corp HD6417618 Datasheet HTML 211Page - Renesas Technology Corp HD6417618 Datasheet HTML 212Page - Renesas Technology Corp HD6417618 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 646 page
background image
Section 7 Bus State Controller (BSC)
Rev. 6.00 Jun. 12, 2007 Page 177 of 610
REJ09B0131-0600
CKIO
A25 to A0
CSn
RD/
WR
BS
Tpw
Tp
Trr
Trc
Trc
Trc
Hi-z
Trc
Trc
CKE
RAS
DQMxx
CAS
D15 to D0
A11*
Note: * Address pin to be connected to pin A10 of SDRAM.
Figure 7.24 Self-Refreshing Timing
Relationship between Refresh Requests and Bus Cycles: If a refresh request occurs during bus
cycle execution, the refresh cycle must wait for the bus cycle to be completed.
If a new refresh request occurs while the previous refresh request is not performed, the previous
refresh request is deleted. To refresh correctly, a bus cycle longer than the refresh interval or the
bus busy must be prevented.
Power-On Sequence: In order to use synchronous DRAM, mode setting must first be performed
after turning the power on. To perform synchronous DRAM initialization correctly, the BSC
registers must first be set, followed by writing to the synchronous DRAM mode register. When
writing to the synchronous DRAM mode register, the address signal value at that time is latched
by a combination of the
CSn, RAS, CAS, and RD/WR signals. If the value to be set is X, write to
the address of X + (H'F8FD5000) in words. In this operation, the data is ignored. To set burst
read/single write, burst read/burst write, CAS latency 2 to 3, wrap type = sequential, and burst
length 1 supported by the LSI, arbitrary data is written to the addresses shown in table 7.14 in
bytes. In this case, 0s are output at the external address pins of A12 or later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com