Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 239 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 239 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 235Page - Renesas Technology Corp HD6417618 Datasheet HTML 236Page - Renesas Technology Corp HD6417618 Datasheet HTML 237Page - Renesas Technology Corp HD6417618 Datasheet HTML 238Page - Renesas Technology Corp HD6417618 Datasheet HTML 239Page - Renesas Technology Corp HD6417618 Datasheet HTML 240Page - Renesas Technology Corp HD6417618 Datasheet HTML 241Page - Renesas Technology Corp HD6417618 Datasheet HTML 242Page - Renesas Technology Corp HD6417618 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 646 page
background image
Section 9 Watchdog Timer (WDT)
WDTS300B_000020030900
Rev. 6.00 Jun. 12, 2007 Page 207 of 610
REJ09B0131-0600
Section 9 Watchdog Timer (WDT)
This LSI includes the watchdog timer (WDT) that can reset this LSI by the overflow of the
counter when the value of the counter has not been updated because of a system runaway.
The WDT is a single-channel timer that uses a peripheral clock as an input and counts the clock
settling time when leaving software standby mode and temporary standby state, such as frequency
changes. It can also be used as an interval timer.
9.1
Features
The WDT has the following features:
• Can be used to ensure the clock settling time.
The WDT can be used when leaving software standby mode and the temporary standby state
which occur when the clock frequency is changed.
• Can switch between watchdog timer mode and interval timer mode.
• Internal resets in watchdog timer mode
Internal resets are generated when the counter overflows.
• Interrupts are generated in interval timer mode
Interval timer interrupts are generated when the counter overflows.
• Choice of eight counter input clocks
Eight clocks (
×1 to ×1/4096) that are obtained by dividing the peripheral clock can be chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com