Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 238Page - Renesas Technology Corp HD6417618 Datasheet HTML 239Page - Renesas Technology Corp HD6417618 Datasheet HTML 240Page - Renesas Technology Corp HD6417618 Datasheet HTML 241Page - Renesas Technology Corp HD6417618 Datasheet HTML 242Page - Renesas Technology Corp HD6417618 Datasheet HTML 243Page - Renesas Technology Corp HD6417618 Datasheet HTML 244Page - Renesas Technology Corp HD6417618 Datasheet HTML 245Page - Renesas Technology Corp HD6417618 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 646 page
background image
Section 9 Watchdog Timer (WDT)
Rev. 6.00 Jun. 12, 2007 Page 210 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
7
TME
0
R/W
Timer Enable
Starts and stops timer operation. Clear this bit to 0
when using the WDT in software standby mode or
when changing the clock frequency.
0: Timer disabled: Count-up stops and WTCNT
value is retained
1: Timer enabled
6
WT/IT
0
R/W
Timer Mode Select
Selects whether to use the WDT as a watchdog
timer or an interval timer.
0: Interval timer mode
1: Watchdog timer mode
Note:
If WT/IT is modified when the WDT is
operating, the up-count may not be
performed correctly.
5
0
R
Reserved
This bit is always red as 0. The write value should
always be 0.
4
WOVF
0
R/W
Watchdog Timer Overflow
Indicates that WTCNT has overflowed in watchdog
timer mode. This bit is not set in interval timer mode.
0: No overflow
1: WTCNT has overflowed in watchdog timer mode
3
IOVF
0
R/W
Interval Timer Overflow
Indicates that WTCNT has overflowed in interval
timer mode. This bit is not set in watchdog timer
mode.
0: No overflow
1: WTCNT has overflowed in interval timer mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com