Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 250Page - Renesas Technology Corp HD6417618 Datasheet HTML 251Page - Renesas Technology Corp HD6417618 Datasheet HTML 252Page - Renesas Technology Corp HD6417618 Datasheet HTML 253Page - Renesas Technology Corp HD6417618 Datasheet HTML 254Page - Renesas Technology Corp HD6417618 Datasheet HTML 255Page - Renesas Technology Corp HD6417618 Datasheet HTML 256Page - Renesas Technology Corp HD6417618 Datasheet HTML 257Page - Renesas Technology Corp HD6417618 Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 646 page
background image
Section 10 Power-Down Modes
Rev. 6.00 Jun. 12, 2007 Page 222 of 610
REJ09B0131-0600
10.4
Sleep Mode
10.4.1
Transition to Sleep Mode
Executing the SLEEP instruction when the STBY bit in STBCR is 0 causes a transition from the
program execution state to sleep mode. Although the CPU halts immediately after executing the
SLEEP instruction, the contents of its internal registers remain unchanged. The on-chip peripheral
modules continue to operate in sleep mode and the clock continues to be output to the CKIO pin.
10.4.2
Canceling Sleep Mode
Sleep mode is canceled by an interrupt other than a user break (NMI, H-UDI, IRQ, and on-chip
peripheral module) or a reset.
Canceling with Interrupt: When a user-break, NMI, H-UDI, IRQ, or on-chip peripheral module
interrupt occurs, sleep mode is canceled and interrupt exception handling is executed. When the
priority level of an IRQ or on-chip peripheral module interrupt is lower than the interrupt mask
level set in the status register (SR) of the CPU, an interrupt request is not accepted preventing
sleep mode from being canceled.
Canceling with Reset: Sleep mode is canceled by a power-on reset or an H-UDI reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com