Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 265 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 265 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 261Page - Renesas Technology Corp HD6417618 Datasheet HTML 262Page - Renesas Technology Corp HD6417618 Datasheet HTML 263Page - Renesas Technology Corp HD6417618 Datasheet HTML 264Page - Renesas Technology Corp HD6417618 Datasheet HTML 265Page - Renesas Technology Corp HD6417618 Datasheet HTML 266Page - Renesas Technology Corp HD6417618 Datasheet HTML 267Page - Renesas Technology Corp HD6417618 Datasheet HTML 268Page - Renesas Technology Corp HD6417618 Datasheet HTML 269Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 233 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
Value
R/W
Description
16
TXF
0
R/W
Transmit Flow Control Operating mode
0: Transmit flow control function is disabled
1: Transmit flow control function is enabled
15 to 13
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
12
PRCEF
0
R/W
Permit Receive CRC Error Frame
0: A frame with a CRC error is received as a frame
with an error.
1: A frame with a CRC error is received as a frame
without an error.
For a frame with an error, a CRC error is reflected in
ECSR of the E-DMAC and the status of the receive
descriptor. For a frame without an error, the frame is
received as normal frame.
11, 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9
MPDE
0
R/W
Magic Packet Detection Enable
Enables or disables Magic Packet detection by
hardware to allow activation from the Ethernet.
0: Magic Packet detection is not enabled
1: Magic Packet detection is enabled
8, 7
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
6
RE
0
R/W
Reception Enable
If a frame is being received when this bit is switched
from receive function enabled (RE = 1) to disabled
(RE = 0), the receive function will be enabled until
reception of the corresponding frame is completed.
0: Receive function is disabled
1: Receive function is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com