Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 265Page - Renesas Technology Corp HD6417618 Datasheet HTML 266Page - Renesas Technology Corp HD6417618 Datasheet HTML 267Page - Renesas Technology Corp HD6417618 Datasheet HTML 268Page - Renesas Technology Corp HD6417618 Datasheet HTML 269Page - Renesas Technology Corp HD6417618 Datasheet HTML 270Page - Renesas Technology Corp HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 237 of 610
REJ09B0131-0600
11.3.3
EtherC Interrupt Permission Register (ECSIPR)
ECSIPR is a 32-bit readable/writable register that enables or disables the interrupt sources
indicated by ECSR. Each bit can disable or enable interrupts corresponding to the bits in ECSR.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
PSRTOIP
0
R/W
PAUSE Frame Retransfer Retry Over Interrupt
Enable
0: Interrupt notification by the PSRTO bit is disabled
1: Interrupt notification by the PSRTO bit is enabled
3
—
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
2
LCHNGIP
0
R/W
LINK Signal Changed Interrupt Enable
0: Interrupt notification by the LCHNG bit is disabled
1: Interrupt notification by the LCHNG bit is enabled
1
MPDIP
0
R/W
Magic Packet Detection Interrupt Enable
0: Interrupt notification by the MPD bit is disabled
1: Interrupt notification by the MPD bit is enabled
0
ICDIP
0
R/W
Illegal Carrier Detection Interrupt Enable
0: Interrupt notification by the ICD bit is disabled
1: Interrupt notification by the ICD bit is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com