Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 266Page - Renesas Technology Corp HD6417618 Datasheet HTML 267Page - Renesas Technology Corp HD6417618 Datasheet HTML 268Page - Renesas Technology Corp HD6417618 Datasheet HTML 269Page - Renesas Technology Corp HD6417618 Datasheet HTML 270Page - Renesas Technology Corp HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 238 of 610
REJ09B0131-0600
11.3.4
PHY Interface Register (PIR)
PIR is a 32-bit readable/writable register that provides a means of accessing the PHY registers via
the MII.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
MDI
Undefined R
MII Management Data-In
Indicates the level of the MDIO pin.
2
MDO
0
R/W
MII Management Data-Out
Outputs the value set to this bit from the MDIO pin,
when the MMD bit is 1.
1
MMD
0
R/W
MII Management Mode
Specifies the data read/write direction with respect to
the MII.
0: Read direction is indicated
1: Write direction is indicated
0
MDC
0
R/W
MII Management Data Clock
Outputs the value set to this bit from the MDC pin and
supplies the MII with the management data clock. For
the method of accessing the MII registers, see section
11.4.4, Accessing MII Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com