Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 268Page - Renesas Technology Corp HD6417618 Datasheet HTML 269Page - Renesas Technology Corp HD6417618 Datasheet HTML 270Page - Renesas Technology Corp HD6417618 Datasheet HTML 271Page - Renesas Technology Corp HD6417618 Datasheet HTML 272Page - Renesas Technology Corp HD6417618 Datasheet HTML 273Page - Renesas Technology Corp HD6417618 Datasheet HTML 274Page - Renesas Technology Corp HD6417618 Datasheet HTML 275Page - Renesas Technology Corp HD6417618 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 646 page
background image
Section 11 Ethernet Controller (EtherC)
Rev. 6.00 Jun. 12, 2007 Page 240 of 610
REJ09B0131-0600
11.3.7
Receive Frame Length Register (RFLR)
RFLR is a 32-bit readable/writable register and it specifies the maximum frame length (in bytes)
that can be received by this LSI. The settings in this register must not be changed while the
receiving function is enabled.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
RFL11 to
RFL0
All 0
R/W
Receive Frame Length 11 to 0
The frame length described here refers to all fields
from the destination address up to and including the
CRC data. Frame contents from the destination
address up to and including the data are actually
transferred to memory. CRC data is not included in
the transfer.
When data that exceeds the specified value is
received, the part of the data that exceeds the
specified value is discarded.
H'000 to H'5EE: 1,518 bytes
H'5EF: 1,519 bytes
H'5F0: 1,520 bytes
:
:
H'7FF: 2,047 bytes
H'800 to H'FFF: 2,048 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com