Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 290Page - Renesas Technology Corp HD6417618 Datasheet HTML 291Page - Renesas Technology Corp HD6417618 Datasheet HTML 292Page - Renesas Technology Corp HD6417618 Datasheet HTML 293Page - Renesas Technology Corp HD6417618 Datasheet HTML 294Page - Renesas Technology Corp HD6417618 Datasheet HTML 295Page - Renesas Technology Corp HD6417618 Datasheet HTML 296Page - Renesas Technology Corp HD6417618 Datasheet HTML 297Page - Renesas Technology Corp HD6417618 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 262 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
0
SWR
0
R/W
Software Reset
Writing 1 in this bit initializes registers of the E-DMAC
other than TDLAR, RDLAR, and RMFCR and registers
of the EtherC. While a software reset is issued (64
cycles of the internal bus clock B
φ), accesses to the all
Ethernet-related registers are prohibited.
Software reset period (example):
When B
φ = 50 MHz: 1.28 µS
When B
φ = 33 MHz: 1.94 µS
This bit is always read as 0.
0: Writing 0 is ignored (E-DMAC operation is not
affected)
1: Writing 1 resets the EtherC and E-DMAC and then
automatically cleared
12.2.2
E-DMAC Transmit Request Register (EDTRR)
The EDTRR is a 32-bit readable/writable register that issues transmit directives to the E-DMAC.
When transmission of one frame is completed, the next descriptor is read. If the transmit
descriptor active bit in this descriptor has the "active" setting, transmission is continued. If the
transmit descriptor active bit has the "inactive" setting, the TR bit is cleared and operation of the
transmit DMAC is halted.
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
0
TR
0
R/W
Transmit Request
0: Transmission-halted state. Writing 0 does not stop
transmission. Termination of transmission is
controlled by the active bit in the transmit descriptor
1: Start of transmission. The relevant descriptor is read
and a frame is sent with the transmit active bit set to
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com