Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 295 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 295 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 291Page - Renesas Technology Corp HD6417618 Datasheet HTML 292Page - Renesas Technology Corp HD6417618 Datasheet HTML 293Page - Renesas Technology Corp HD6417618 Datasheet HTML 294Page - Renesas Technology Corp HD6417618 Datasheet HTML 295Page - Renesas Technology Corp HD6417618 Datasheet HTML 296Page - Renesas Technology Corp HD6417618 Datasheet HTML 297Page - Renesas Technology Corp HD6417618 Datasheet HTML 298Page - Renesas Technology Corp HD6417618 Datasheet HTML 299Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 263 of 610
REJ09B0131-0600
12.2.3
E-DMAC Receive Request Register (EDRRR)
EDRRR is a 32-bit readable/writable register that issues receive directives to the E-DMAC. When
the receive request bit is set, the E-DMAC reads the relevant receive descriptor. If the receive
descriptor active bit in the descriptor has the "active" setting, the E-DMAC prepares for a receive
request from the EtherC. When one receive buffer of data has been received, the E-DMAC reads
the next descriptor and prepares to receive the next frame. If the receive descriptor active bit in the
descriptor has the "inactive" setting, the RR bit is cleared and operation of the receive DMAC is
halted.
Bit
Bit Name
Initial
value
R/W
Description
31 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
RR
0
R/W
Receive Request
0: The receive function is disabled*
1: A receive descriptor is read and the E-DMAC is
ready to receive
Note:
*
If the receive function is disabled during frame reception, write-back is not performed
successfully to the receive descriptor. Following pointers to read a receive descriptor
become abnormal and the E-DMAC cannot operate successfully. In this case, to make
the E-DMAC reception enabled again, execute a software reset by the SWR bit in
EDMR. To make the E-DMAC reception disabled without executing a software reset,
set the RE bit in ECMR. Next, after the E_DMAC has completed the reception and
write-back to the receive descriptor has been confirmed, disable the receive function of
this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com