Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 299 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 299 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 295Page - Renesas Technology Corp HD6417618 Datasheet HTML 296Page - Renesas Technology Corp HD6417618 Datasheet HTML 297Page - Renesas Technology Corp HD6417618 Datasheet HTML 298Page - Renesas Technology Corp HD6417618 Datasheet HTML 299Page - Renesas Technology Corp HD6417618 Datasheet HTML 300Page - Renesas Technology Corp HD6417618 Datasheet HTML 301Page - Renesas Technology Corp HD6417618 Datasheet HTML 302Page - Renesas Technology Corp HD6417618 Datasheet HTML 303Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 646 page
background image
Section 12 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 6.00 Jun. 12, 2007 Page 267 of 610
REJ09B0131-0600
Bit
Bit Name
Initial
value
R/W
Description
21
TC
0
R/W
Frame Transmit Complete
Indicates that all the data specified by the transmit
descriptor has been transmitted to the EtherC. The
transfer status is written back to the relevant
descriptor. When 1-frame transmission is completed
for 1-frame/1-buffer processing, or when the last data
in the frame is transmitted and the transmission
descriptor valid bit (TACT) in the next descriptor is not
set for multiple-frame buffer processing, transmission
is completed and this bit is set to 1. After frame
transmission, the E-DMAC writes the transmission
status back to the descriptor.
0: Transfer not complete, or no transfer directive
1: Transfer complete
20
TDE
0
R/W
Transmit Descriptor Empty
Indicates that the transmission descriptor valid bit
(TACT) in the descriptor is not set when the E-DMAC
reads the transmission descriptor when the previous
descriptor is not the last one of the frame for multiple-
buffer frame processing. As a result, an incomplete
frame may be transmitted.
0: Transmit descriptor active bit TACT = 1 detected
1: Transmit descriptor active bit TACT = 0 detected
When transmission descriptor empty (TDE = 1)
occurs, execute a software reset and initiate
transmission. In this case, the address that is stored
in the transmit descriptor list address register
(TDLAR) is transmitted first.
19
TFUF
0
R/W
Transmit FIFO Underflow
Indicates that underflow has occurred in the transmit
FIFO during frame transmission. Incomplete data is
sent onto the line.
0: Underflow has not occurred
1: Underflow has occurred



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com