| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 255 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 255 Page - Renesas Technology Corp |
|
255 / 1177 page ![]() Section 8 I/O Ports Rev. 4.00 Sep 27, 2006 page 211 of 1130 REJ09B0327-0400 Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port 4 • 8-bit I/O port P47/PWX1 P46/PWX0 P45/TMRI1/ HIRQ12/CSYNCI P44/TMO1/ HIRQ1/HSYNCO P43/TMCI1/ HIRQ11/HSYNCI P42/TMRI0/ SCK2/SDA1 P41/TMO0/ RxD2/IrRxD P40/TMCI0/ TxD2/IrTxD I/O port also functioning as 14-bit PWM timer output (PWX1, PWX0), 8-bit timer 0 and 1 input/output (TMCI0, TMRI0, TMO0, TMCI1, TMRI1, TMO1), timer connection input/output (HSYNCO, CSYNCI, HSYNCI), SCI2 input/output (TxD2, RxD2, SCK2), IrDA interface input/output (IrTxD, IrRxD), and I 2C bus interface 1 (option) input/output (SDA1) I/O port also functioning as 14-bit PWM timer output (PWX1, PWX0), 8-bit timer 0 and 1 input/output (TMCI0, TMRI0, TMO0, TMCI1, TMRI1, TMO1), timer connection input/output (HSYNCO, CSYNCI, HSYNCI), host interface host CPU interrupt request output (HIRQ12, HIRQ1, HIRQ11), SCI2 input/ output (TxD2, RxD2, SCK2), IrDA interface input/output (IrTxD, IrRxD), and I 2C bus interface 1 (option) input/output (SDA1) Port 5 • 3-bit I/O port P52/SCK0/SCL0 P51/RxD0 P50/TxD0 I/O port also functioning as SCI0 input/output (TxD0, RxD0, SCK0) and I 2C bus interface 0 (option) input/output (SCL0) Port 6 • 8-bit I/O port P67/ IRQ7/TMOX/ KIN7/CIN7 P66/ IRQ6/FTOB/ KIN6/CIN6 P65/FTID/ KIN5/ CIN5 P64/FTIC/ KIN4/ CIN4/CLAMPO P63/FTIB/ KIN3/ CIN3/VFBACKI P62/FTIA/TMIY/ KIN2/CIN2/ VSYNCI P61/FTOA/ KIN1/ CIN1/VSYNCO P60/FTCI/TMIX/ KIN0/CIN0/ HFBACKI I/O port also functioning as external interrupt input ( IRQ7, IRQ6), FRT input/output (FTCI, FTOA, FTIA, FTIB, FTIC, FTID, FTOB), 8-bit timer X and Y input/output (TMOX, TMIX, TMIY), timer connection input/output (CLAMPO, VFBACKI, VSYNCI, VSYNCO, HFBACKI), key-sense interrupt input ( KIN7 to KIN0), and expansion A/D converter input (CIN7 to CIN0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |