| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 259 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 259 Page - Renesas Technology Corp |
|
259 / 1177 page ![]() Section 8 I/O Ports Rev. 4.00 Sep 27, 2006 page 215 of 1130 REJ09B0327-0400 Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port 5 • 3-bit I/O port P52/SCK0/SCL0 P51/RxD0 P50/TxD0 I/O port also functioning as SCI0 input/output (TxD0, RxD0, SCK0) and I 2C bus interface 0 (option) input/output (SCL0) Port 6 • 8-bit I/O port P67/ IRQ7/KIN7/ CIN7 P66/ IRQ6/FTOB/ KIN6/CIN6 P65/FTID/ KIN5/ CIN5 P64/FTIC/ KIN4/ CIN4 P63/FTIB/ KIN3/ CIN3 P62/FTIA/TMIY/ KIN2/CIN2 P61/FTOA/ KIN1/ CIN1 P60/FTCI/ KIN0/ CIN0 I/O port also functioning as external interrupt input ( IRQ7, IRQ6), FRT input/output (FTCI, FTOA, FTIA, FTIB, FTIC, FTID, FTOB), 8-bit timer Y input (TMIY), key-sense interrupt input ( KIN7 to KIN0), and expansion A/D converter input (CIN7 to CIN0) Port 7 • 8-bit I/O port P77/AN7/DA1 P76/AN6/DA0 P75/AN5 P74/AN4 P73/AN3 P72/AN2 P71/AN1 P70/AN0 Input port also functioning as A/D converter analog input (AN7 to AN0) and D/A converter analog output (DA1, DA0) Port 8 • 7-bit I/O port P86/ IRQ5/SCK1/ SCL1 P85/ IRQ4/RxD1 P84/ IRQ3/TxD1 P83 P82/HIFSD P81/ CS2/GA20 P80/HA0 I/O port also functioning as external interrupt input ( IRQ5, IRQ4, IRQ3), SCI1 input/output (TxD1, RxD1, SCK1), and I 2C bus interface 1 (option) input/output (SCL1) I/O port also functioning as external interrupt input ( IRQ5, IRQ4, IRQ3), SCI1 input/output (TxD1, RxD1, SCK1), host interface control input/output ( CS2, GA20, HA0, HIFSD), and I 2C bus interface 1 (option) input/output (SCL1) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |