| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 256 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 256 Page - Renesas Technology Corp |
|
256 / 1177 page ![]() Section 8 I/O Ports Rev. 4.00 Sep 27, 2006 page 212 of 1130 REJ09B0327-0400 Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port 7 • 8-bit I/O port P77/AN7/DA1 P76/AN6/DA0 P75/AN5 P74/AN4 P73/AN3 P72/AN2 P71/AN1 P70/AN0 Input port also functioning as A/D converter analog input (AN7 to AN0) and D/A converter analog output (DA1, DA0) Port 8 • 7-bit I/O port P86/ IRQ5/SCK1/ SCL1 P85/ IRQ4/RxD1 P84/ IRQ3/TxD1 P83 P82/HIFSD P81/ CS2/GA20 P80/HA0 I/O port also functioning as external interrupt input ( IRQ5, IRQ4, IRQ3), SCI1 input/output (TxD1, RxD1, SCK1), and I 2C bus interface 1 (option) input/output (SCL1) I/O port also functioning as external interrupt input ( IRQ5, IRQ4, IRQ3), SCI1 input/output (TxD1, RxD1, SCK1), host interface control input/output ( CS2, GA20, HA0, HIFSD), and I 2C bus interface 1 (option) input/output (SCL1) Port 9 • 8-bit I/O port P97/ WAIT/SDA0 I/O port also functioning as expanded data bus control input ( WAIT) and I2C bus interface 0 (option) input/output (SDA0) I/O port also functioning as I 2C bus interface 0 (option) input/output (SDA0) P96/ φ/EXCL When DDR = 0: input port or EXCL input When DDR = 1 (after reset): φ output When DDR = 0 (after reset): input port or EXCL input When DDR = 1: φ output P95/ AS/IOS/CS1 P94/ HWR/IOW P93/ RD/IOR Expanded data bus control output ( AS/IOS, HWR, RD) I/O port also functioning as host interface control input ( CS1, IOW, IOR) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |