Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 434Page - Renesas Technology Corp HD6432147SW Datasheet HTML 435Page - Renesas Technology Corp HD6432147SW Datasheet HTML 436Page - Renesas Technology Corp HD6432147SW Datasheet HTML 437Page - Renesas Technology Corp HD6432147SW Datasheet HTML 438Page - Renesas Technology Corp HD6432147SW Datasheet HTML 439Page - Renesas Technology Corp HD6432147SW Datasheet HTML 440Page - Renesas Technology Corp HD6432147SW Datasheet HTML 441Page - Renesas Technology Corp HD6432147SW Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 1177 page
background image
Section 13 Timer Connection
Rev. 4.00 Sep 27, 2006 page 394 of 1130
REJ09B0327-0400
IHI signal
CL1 signal
CL2 signal
TCNT
TCORA
Figure 13.3 Timing Chart for Clamp Waveform Generation (CL1 and CL2 Signals)
IHI signal
CL3 signal
TCNT
TICR+TCORC
TICR
Figure 13.4 Timing Chart for Clamp Waveform Generation (CL3 Signal)
13.3.3
Measurement of 8-Bit Timer Divided Waveform Period
The timer connection facility, TMR1, and the free-running timer (FRT) can be used to measure the
period of an IHI signal divided waveform. Since TMR1 can be cleared by a rising edge of inverted
IVI signal, the rise and fall of the IHI signal divided waveform can be virtually synchronized with
the IVI signal. This enables period measurement to be carried out efficiently.
To measure the period of an IHI signal divided waveform, TCNT in TMR1 is set to count the
external clock (IHI signal) pulses and to be cleared on the rising edge of the external reset signal
(inverted IVI signal). The value to be used as the division factor is written in TCORA, and the
TMO output method is specified by the OS bits in TCSR. Examples of TCR and TCSR settings
are shown in table 13.5, and the timing chart for measurement of the IVI signal and IHI signal
divided waveform periods is shown in figure 13.5. The period of the IHI signal divided waveform
is given by (ICRD(3) – ICRD(2))
× the resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com