Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 4Page - Renesas Technology Corp HD6432147SW Datasheet HTML 5Page - Renesas Technology Corp HD6432147SW Datasheet HTML 6Page - Renesas Technology Corp HD6432147SW Datasheet HTML 7Page - Renesas Technology Corp HD6432147SW Datasheet HTML 8Page - Renesas Technology Corp HD6432147SW Datasheet HTML 9Page - Renesas Technology Corp HD6432147SW Datasheet HTML 10Page - Renesas Technology Corp HD6432147SW Datasheet HTML 11Page - Renesas Technology Corp HD6432147SW Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page viii of xliv
Item
Page
Revision (See Manual for Details)
14
Mode 1 description of pin 35 amended
(Before) P67/TMOX/CIN/
KIN7/IRQ7 →
(After) P67/TMOX/CIN7/
KIN7/IRQ7
1.3.2 Pin Functions in
Each Operating Mode
Table 1.2 (a) Pin
Functions in Each
Operating Mode
17
Modes 2 and 3 in single chip modes of pin 95 amended
(Before) P82
→ (After) P82/HIFSD
19
Mode 1 description of pin 35 amended
(Before) P67/CIN/
KIN7/IRQ7 → (After) P67/CIN7/KIN7/IRQ7
Table 1.2 (b)
H8S/2147N Pin
Functions in Each
Operating Mode
21
Modes 2 and 3 in single chip modes of pin 95 amended
(Before) P82
→ (After) P82/HIFSD
1.3.3 Pin Functions
Table 1.3 Pin Functions
30
Table 1.3 amended
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
Host
interface
(HIF)
HIRQ11
HIRQ1
HIRQ12
HIRQ3
HIRQ4
52
53
54
91
90
Output Host interrupt 11, 1, 12, 3, and 4: Output pins for
interrupt requests to the host.
33
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
I/O ports
PA7 to
PA0
10, 11, 20,
21, 30, 31,
47, 48
Input/
output
Port A: Eight input/output pins. The data direction
of each pin can be selected in the port A data
direction register (PADDR). These pins have built-in
MOS input pull-ups. These are the VCCB drive
pins. [H8S/2148 Group and H8S/2147N only]
2.6.1 Overview
Table 2.1 Instruction
Classification
52
Instruction in arithmetic operations amended
(Before) EG
→ (After) NEG
3.2.4 Serial Timer
Control Register (STCR)
89
Bit 3 bit table amended
Bit 3
FLSHE
Description
0
Addresses H'(FF)FF80 to H'(FF)FF87 are used for power-down mode control register
and supporting module control register access
(Initial value)
1
Addresses H'(FF)FF80 to H'(FF)FF87 are used for flash memory control register
access (F-ZTAT version only)
4.5 Stack Status after
Exception Handling
Figure 4.5 (2) Stack
Status after Exception
Handling (Advanced
Mode)
111
Note * deleted from figure 4.5 (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com