Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 117Page - Renesas Technology Corp HD6432147SW Datasheet HTML 118Page - Renesas Technology Corp HD6432147SW Datasheet HTML 119Page - Renesas Technology Corp HD6432147SW Datasheet HTML 120Page - Renesas Technology Corp HD6432147SW Datasheet HTML 121Page - Renesas Technology Corp HD6432147SW Datasheet HTML 122Page - Renesas Technology Corp HD6432147SW Datasheet HTML 123Page - Renesas Technology Corp HD6432147SW Datasheet HTML 124Page - Renesas Technology Corp HD6432147SW Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 77 of 1130
REJ09B0327-0400
2.8.6
Power-Down State
The power-down state includes both modes in which the CPU stops operating and modes in which
the CPU does not stop. There are five modes in which the CPU stops operating: sleep mode,
software standby mode, hardware standby mode, subsleep mode, and watch mode. There are also
three other power-down modes: medium-speed mode, module stop mode, and subactive mode. In
medium-speed mode, the CPU and other bus masters operate on a medium-speed clock. Module
stop mode permits halting of the operation of individual modules, other than the CPU. Subactive
mode, subsleep mode, and watch mode are power-down modes that use subclock input. For
details, refer to section 25, Power-Down State.
Sleep Mode
A transition to sleep mode is made if the SLEEP instruction is executed while the software
standby bit (SSBY) in the standby control register (SBYCR) and the LSON bit in the low-power
control register (LPWRCR) are both cleared to 0. In sleep mode, CPU operations stop
immediately after execution of the SLEEP instruction. The contents of CPU registers are retained.
Software Standby Mode
A transition to software standby mode is made if the SLEEP instruction is executed while the
SSBY bit in SBYCR is set to 1 and the LSON bit in LPWRCR and the PSS bit in the WDT1 timer
control/status register (TCSR) are both cleared to 0. In software standby mode, the CPU and clock
halt and all MCU operations stop. As long as a specified voltage is supplied, the contents of CPU
registers and on-chip RAM are retained. The I/O ports also remain in their existing states.
Hardware Standby Mode
A transition to hardware standby mode is made when the
STBY pin goes low. In hardware
standby mode, the CPU and clock halt and all MCU operations stop. The on-chip supporting
modules are reset, but as long as a specified voltage is supplied, on-chip RAM contents are
retained.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com