| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 153 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 153 Page - Renesas Technology Corp |
|
153 / 1177 page ![]() Section 4 Exception Handling Rev. 4.00 Sep 27, 2006 page 109 of 1130 REJ09B0327-0400 4.3 Interrupts Interrupt exception handling can be requested by nine external sources (NMI and IRQ7 to IRQ0) from 23 input pins (NMI, IRQ7 to IRQ0, and KIN15 to KIN0), and internal sources in the on-chip supporting modules. Figure 4.4 shows the interrupt sources and the number of interrupts of each type. The on-chip supporting modules that can request interrupts include the watchdog timer (WDT), 16-bit free-running timer (FRT), 8-bit timer (TMR), serial communication interface (SCI), data transfer controller (DTC), A/D converter (ADC), host interface (HIF), keyboard buffer controller (PS2), and I 2C bus interface (option). Each interrupt source has a separate vector address. NMI is the highest-priority interrupt. Interrupts are controlled by the interrupt controller. The interrupt controller has two interrupt control modes and can assign interrupts other than NMI and address break to either three priority/mask levels to enable multiplexed interrupt control. For details on interrupts, see section 5, Interrupt Controller. Interrupts External interrupts Internal interrupts NMI (1) IRQ7 to IRQ0 (8) WDT* (2) FRT (7) TMR (10) SCI (12) DTC (1) ADC (1) HIF (4) PS2 (3) IIC (3) (option) Other (1) Numbers in parentheses are the numbers of interrupt sources. * When the watchdog timer is used as an interval timer, it generates an interrupt request at each counter overflow. Notes: Figure 4.4 Interrupt Sources and Number of Interrupts |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |