Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 191Page - Renesas Technology Corp HD6432147SW Datasheet HTML 192Page - Renesas Technology Corp HD6432147SW Datasheet HTML 193Page - Renesas Technology Corp HD6432147SW Datasheet HTML 194Page - Renesas Technology Corp HD6432147SW Datasheet HTML 195Page - Renesas Technology Corp HD6432147SW Datasheet HTML 196Page - Renesas Technology Corp HD6432147SW Datasheet HTML 197Page - Renesas Technology Corp HD6432147SW Datasheet HTML 198Page - Renesas Technology Corp HD6432147SW Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 151 of 1130
REJ09B0327-0400
Section 6 Bus Controller
6.1
Overview
This LSI have a built-in bus controller (BSC) that allows external address space bus specifications,
such as bus width and number of access states, to be set.
The bus controller also has a bus arbitration function, and controls the operation of the internal bus
masters: the CPU and data transfer controller (DTC).
6.1.1
Features
The features of the bus controller are listed below.
• Basic bus interface
 2-state access or 3-state access can be selected
 Program wait states can be inserted
• Burst ROM interface
 External space can be designated as ROM interface space
 1-state or 2-state burst access can be selected
• Idle cycle insertion
 An idle cycle can be inserted when an external write cycle immediately follows an external
read cycle
• Bus arbitration function
 Includes a bus arbiter that arbitrates bus mastership between the CPU and DTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com