Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6432147SW Datasheet(PDF) 237 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 237 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 233Page - Renesas Technology Corp HD6432147SW Datasheet HTML 234Page - Renesas Technology Corp HD6432147SW Datasheet HTML 235Page - Renesas Technology Corp HD6432147SW Datasheet HTML 236Page - Renesas Technology Corp HD6432147SW Datasheet HTML 237Page - Renesas Technology Corp HD6432147SW Datasheet HTML 238Page - Renesas Technology Corp HD6432147SW Datasheet HTML 239Page - Renesas Technology Corp HD6432147SW Datasheet HTML 240Page - Renesas Technology Corp HD6432147SW Datasheet HTML 241Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 193 of 1130
REJ09B0327-0400
7.3.3
DTC Vector Table
Figure 7.4 shows the correspondence between DTC vector addresses and register information.
Table 7.4 shows the correspondence between activation sources, vector addresses, and DTCER
bits. When the DTC is activated by software, the vector address is obtained from: H'0400 +
DTVECR[6:0] << 1 (where << 1 indicates a 1-bit left shift). For example, if DTVECR is H'10, the
vector address is H'0420.
The DTC reads the start address of the register information from the vector address set for each
activation source, and then reads the register information from that start address. The register
information can be placed at predetermined addresses in the on-chip RAM. The start address of
the register information should be an integral multiple of four.
The configuration of the vector address is the same in both normal and advanced modes, a 2-byte
unit being used in both cases. These two bytes specify the lower bits of the address in the on-chip
RAM.
Register information
start address
Register information
Chain transfer
DTC vector
address
Figure 7.4 Correspondence between DTC Vector Address and Register Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com