| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 254 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 254 Page - Renesas Technology Corp |
|
254 / 1177 page ![]() Section 8 I/O Ports Rev. 4.00 Sep 27, 2006 page 210 of 1130 REJ09B0327-0400 Table 8.1 H8S/2148 Group Port Functions Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port 1 • 8-bit I/O port • Built-in MOS input pull- ups •LED drive capability P17 to P10/ A7 to A0/ PW7 to PW0 Lower address output (A7 to A0) When DDR = 0 (after reset): input port When DDR = 1: lower address output (A7 to A0) or PWM timer output (PW7 to PW0) I/O port also functioning as PWM timer output (PW7 to PW0) Port 2 • 8-bit I/O port • Built-in MOS input pull- ups •LED drive capability P27/A15/PW15/ CBLANK P26/A14/PW14 P25/A13/PW13 P24/A12/PW12 P23/A11/PW11 P22/A10/PW10 P21/A9/PW9 P20/A8/PW8 Upper address output (A15 to A8) When DDR = 0 (after reset): input port or timer connection output (CBLANK) When DDR = 1: upper address output (A15 to A8), PWM timer output (PW15 to PW8), timer connection output (CBLANK), or output ports (P27 to P24) I/O port also functioning as PWM timer output (PW15 to PW8) and timer connection output (CBLANK) Port 3 • 8-bit I/O port • Built-in MOS input pull- ups •LED drive capability P37 to P30/ HDB7 to HDB0/ D15 to D8 Data bus input/output (D15 to D8) I/O port also functioning as host interface data bus input/output (HDB7 to HDB0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |