| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 260 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 260 Page - Renesas Technology Corp |
|
260 / 1177 page ![]() Section 8 I/O Ports Rev. 4.00 Sep 27, 2006 page 216 of 1130 REJ09B0327-0400 Expanded Modes Single-Chip Mode Port Description Pins Mode 1 Mode 2, Mode 3 (EXPE = 1) Mode 2, Mode 3 (EXPE = 0) Port 9 • 8-bit I/O port P97/ WAIT/SDA0 I/O port also functioning as expanded data bus control input ( WAIT) and I2C bus interface 0 (option) input/output (SDA0) I/O port also functioning as I 2C bus interface 0 (option) input/output (SDA0) P96/ φ/EXCL When DDR = 0: input port or EXCL input When DDR = 1 (after reset): φ output When DDR = 0 (after reset): input port or EXCL input When DDR = 1: φ output P95/ AS/IOS/CS1 P94/ HWR/IOW P93/ RD/IOR Expanded data bus control output ( AS/IOS, HWR, RD) I/O port also functioning as host interface control input ( CS1, IOW, IOR) P92/ IRQ0 P91/ IRQ1 I/O port also functioning as external interrupt input ( IRQ0, IRQ1) P90/ LWR/IRQ2/ ADTRG/ECS2 I/O port also functioning as expanded data bus control output ( LWR), external interrupt input ( IRQ2), and A/D converter external trigger input ( ADTRG) I/O port also functioning as external interrupt input ( IRQ2), A/D converter external trigger input ( ADTRG), and host interface control input ( ECS2) Port A • 8-bit I/O port PA7/A23/ KIN15/ CIN15/PS2CD PA6/A22/ KIN14/ CIN14/PS2CC PA5/A21/ KIN13/ CIN13/PS2BD PA4/A20/ KIN12/ CIN12/PS2BC PA3/A19/ KIN11/ CIN11/PS2AD PA2/A18/ KIN10/ CIN10/PS2AC PA1/A17/ KIN9/ CIN9 PA0/A16/ KIN8/ CIN8 I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as address output (A23 to A16), key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/ output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) I/O port also functioning as key-sense interrupt input ( KIN15 to KIN8), expansion A/D converter input (CIN15 to CIN8), and keyboard buffer controller input/output (PS2CD, PS2CC, PS2BD, PS2BC, PS2AD, PS2AC) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |