Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7101 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 81Page - Renesas Technology Corp SH7101 Datasheet HTML 82Page - Renesas Technology Corp SH7101 Datasheet HTML 83Page - Renesas Technology Corp SH7101 Datasheet HTML 84Page - Renesas Technology Corp SH7101 Datasheet HTML 85Page - Renesas Technology Corp SH7101 Datasheet HTML 86Page - Renesas Technology Corp SH7101 Datasheet HTML 87Page - Renesas Technology Corp SH7101 Datasheet HTML 88Page - Renesas Technology Corp SH7101 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 486 page
background image
4. Clock Pulse Generator
Rev.2.00 Sep. 27, 2007 Page 51 of 448
REJ09B0394-0200
PLLCAP
PLLVCL
PLLVSS
VCC
VSS
C1: 470 pF
CPB = 0.47
μF*
CB = 0.47
μF*
(Values are recommended values.)
Note: * CB and CPB are laminated ceramic type.
R1: 3 k
Ω
Figure 4.6 Recommended External Circuitry around PLL
Electromagnetic waves are radiated from an LSI in operation. This LSI has an electromagnetic
peak in the harmonics band whose primary frequency is determined by the lower frequency
between the system clock (
φ) and peripheral clock (Pφ). For example, when φ = 40 MHz and Pφ =
40 MHz, the primary frequency is 40 MHz. If this LSI is used adjacent to a device sensitive to
electromagnetic interference, e.g. FM/VHF band receiver, a printed circuit board of more than
four layers with planes exclusively for system ground is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com