| Electronic Components Datasheet Search |
|
SH7101 Datasheet(PDF) 23 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7101 Datasheet(HTML) 23 Page - Renesas Technology Corp |
|
23 / 486 page ![]() Rev.2.00 Sep. 27, 2007 Page xxiii of xxxiv REJ09B0394-0200 Figures Section 1 Overview Figure 1.1 Internal Block Diagram of SH7101............................................................................ 3 Figure 1.2 SH7101 Pin Arrangement .......................................................................................... 4 Section 2 CPU Figure 2.1 CPU Internal Registers ............................................................................................. 12 Figure 2.2 Data Format in Registers .......................................................................................... 15 Figure 2.3 Data Formats in Memory ......................................................................................... 16 Figure 2.4 Transitions between Processing States ..................................................................... 41 Section 3 MCU Operating Modes Figure 3.1 Address Map for SH7101 Mask ROM Version ....................................................... 45 Section 4 Clock Pulse Generator Figure 4.1 Block Diagram of Clock Pulse Generator ................................................................ 47 Figure 4.2 Connection of Crystal Resonator (Example)............................................................ 48 Figure 4.3 Crystal Resonator Equivalent Circuit ....................................................................... 48 Figure 4.4 Example of External Clock Connection ................................................................... 49 Figure 4.5 Cautions for Oscillator Circuit System Board Design.............................................. 50 Figure 4.6 Recommended External Circuitry around PLL ........................................................ 51 Section 6 Interrupt Controller (INTC) Figure 6.1 INTC Block Diagram ............................................................................................... 67 Figure 6.2 Block Diagram of IRQ3 to IRQ0 Interrupts Control................................................ 76 Figure 6.3 Interrupt Sequence Flowchart .................................................................................. 82 Figure 6.4 Stack after Interrupt Exception Processing .............................................................. 83 Figure 6.5 Example of the Pipeline Operation when an IRQ Interrupt is Accepted.................. 85 Section 8 Multi-Function Timer Pulse Unit (MTU) Figure 8.1 Block Diagram of MTU ........................................................................................... 94 Figure 8.2 Complementary PWM Mode Output Level Example ............................................ 132 Figure 8.3 Example of Counter Operation Setting Procedure ................................................. 137 Figure 8.4 Free-Running Counter Operation ........................................................................... 138 Figure 8.5 Periodic Counter Operation.................................................................................... 139 Figure 8.6 Example of Setting Procedure for Waveform Output by Compare Match............. 139 Figure 8.7 Example of 0 Output/1 Output Operation .............................................................. 140 Figure 8.8 Example of Toggle Output Operation .................................................................... 140 Figure 8.9 Example of Input Capture Operation Setting Procedure ........................................ 141 Figure 8.10 Example of Input Capture Operation ..................................................................... 142 Figure 8.11 Example of Synchronous Operation Setting Procedure ......................................... 143 Figure 8.12 Example of Synchronous Operation....................................................................... 144 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |