Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7101 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # SH7101
Description  32-Bit RISC Microcomputer
PDF  486 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7101 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button SH7101 Datasheet HTML 94Page - Renesas Technology Corp SH7101 Datasheet HTML 95Page - Renesas Technology Corp SH7101 Datasheet HTML 96Page - Renesas Technology Corp SH7101 Datasheet HTML 97Page - Renesas Technology Corp SH7101 Datasheet HTML 98Page - Renesas Technology Corp SH7101 Datasheet HTML 99Page - Renesas Technology Corp SH7101 Datasheet HTML 100Page - Renesas Technology Corp SH7101 Datasheet HTML 101Page - Renesas Technology Corp SH7101 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 486 page
background image
5. Exception Processing
Rev.2.00 Sep. 27, 2007 Page 64 of 448
REJ09B0394-0200
5.6
Cases when Exception Sources are Not Accepted
When an address error or interrupt is generated directly after a delayed branch instruction or
interrupt-disabled instruction, it is sometimes not accepted immediately but stored instead, as
shown in table 5.10. In this case, it will be accepted when an instruction that can accept the
exception is decoded.
Table 5.10
Generation of Exception Sources Immediately after Delayed Branch Instruction
or Interrupt-Disabled Instruction
Exception Source
Point of Occurrence
Address Error
Interrupt
Immediately after a delayed branch instruction*
1
Not accepted
Not accepted
Immediately after an interrupt-disabled instruction*
2
Accepted
Not accepted
Notes: 1. Delayed branch instructions: JMP, JSR, BRA, BSR, RTS, RTE, BF/S, BT/S, BSRF, and
BRAF
2. Interrupt-disabled instructions: LDC, LDC.L, STC, STC.L, LDS, LDS.L, STS, and STS.L
5.6.1
Immediately after Delayed Branch Instruction
When an instruction placed immediately after a delayed branch instruction (delay slot) is decoded,
neither address errors nor interrupts are accepted. The delayed branch instruction and the
instruction placed immediately after it (delay slot) are always executed consecutively, so no
exception processing occurs during this period.
5.6.2
Immediately after Interrupt-Disabled Instruction
When an instruction placed immediately after an interrupt-disabled instruction is decoded,
interrupts are not accepted. Address errors can be accepted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com