| Electronic Components Datasheet Search |
|
7641 Datasheet(PDF) 39 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 Datasheet(HTML) 39 Page - Renesas Technology Corp |
|
39 / 385 page ![]() Rev.2.00 Aug 28, 2006 page 22 of 113 7641 Group REJ09B0336-0200 HARDWARE FUNCTIONAL DESCRIPTION Interrupt Source Reset (Note 3) USB function USB SOF INT0 INT1 DMAC0 DMAC1 UART1 receive buffer full UART1 transmit UART1 summing error UART2 receive buffer full UART2 transmit UART2 summing error Timer X Timer Y Timer 1 Timer 2 Timer 3 CNTR0 CNTR1 Serial I/O Input buffer full Output buffer empty Key input (Key- on wake-up) BRK instruction Priority 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 Vector Addresses (Note 1) High FFFB16 FFF916 FFF716 FFF516 FFF316 FFF116 FFEF16 FFED16 FFEB16 FFE916 FFE716 FFE516 FFE316 FFE116 FFDF16 FFDD16 FFDB16 FFD916 FFD716 FFD516 FFD316 FFD116 FFCF16 FFCD16 FFCB16 Interrupt Request Generating Conditions At reset (Note 2) At reception of SOF packet At detection of either rising or falling edge of INT0 intput At detection of either rising or falling edge of INT1 input At completion of DMAC0 transfer At completion of DMAC1 transfer At completion of UART1 reception At completion of UART1 transmission At detection of UART1 summing error At completion of UART2 reception At completion of UART2 transmission At detection of UART2 summing error At timer X underflow At timer Y underflow At timer 1 underflow At timer 2 underflow At timer 3 underflow At detection of either rising or falling edge of CNTR0 input At detection of either rising or falling edge of CNTR1 input At completion of serial I/O transmission/re- ception At writing to input data bus buffer At reading from output data bus buffer At falling of port P2 input logical level AND At BRK instruction execution Remarks Non-maskable External interrupt (active edge selectable) External interrupt (active edge selectable) Low FFFA16 FFF816 FFF616 FFF416 FFF216 FFF016 FFEE16 FFEC16 FFEA16 FFE816 FFE616 FFE416 FFE216 FFE016 FFDE16 FFDC16 FFDA16 FFD816 FFD616 FFD416 FFD216 FFD016 FFCE16 FFCC16 FFCA16 Notes 1: Vector addresses contain interrupt jump destination addresses. 2: USB function interrupt occurs owing to an interrupt request of the endpoint x (x = 0 to 4) IN, endpoint x OUT, overrun/underrun, USB reset or suspend/ resume. 3: Reset functions in the same way as an interrupt with the highest priority. Table 7 Interrupt vector addresses and priority External interrupt (active edge selectable) External interrupt (active edge selectable) External interrupt (falling valid) Non-maskable software interrupt |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |