| Electronic Components Datasheet Search |
|
7641 Datasheet(PDF) 74 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7641 Datasheet(HTML) 74 Page - Renesas Technology Corp |
|
74 / 385 page ![]() Rev.2.00 Aug 28, 2006 page 57 of 113 7641 Group REJ09B0336-0200 HARDWARE FUNCTIONAL DESCRIPTION [USB Endpoint x (x = 0 to 4) IN Max. Packet Size Register] IN_MAXP This register specifies the maximum packet size (MAXP) of an endpoint x IN packet. The value set for endpoint 1 is the number of transmitted bytes divided by 8, and the value set for endpoints 0, 2, 3, and 4 is the actual number of transmitted bytes. The CPU can change these values using the SET_DESCRIPTOR com- mand. The initial value for endpoints 0, 2, 3 and 4 is 8, and the initial value for endpoint 1 is 1. [USB Endpoint x (x = 0 to 4) OUT Max. Packet Size Register] OUT_MAXP This register specifies the maximum packet size (MAXP) of an Endpoint x OUT packet. The value set for endpoint 1 is the num- ber of received bytes divided by 8, and the value set for endpoints 0, 2, 3, and 4 is the actual number of received bytes. The CPU can change these values using the SET_DESCRIPTOR com- mand. The initial value for endpoints 0, 2, 3, and 4 is 8, and the initial value for endpoint 1 is 1. When using the endpoint 0, both USB endpoint x IN max. packet size register (IN _MAXP) and USB end- point x OUT max. packet size register (OUT_MAXP) are set to the same value. Changing one register’s value effectively changes the value of the other register as well. The maximum packet size (MAXP) of endpoint x IN is contained. MAXP = n for endpoints 0, 2, 3, 4 MAXP = n ✕ 8 for endpoint 1 “n” is a written value into this register. USB endpoint x IN max. packet size register (address 005B16) IN_MAXP b0 b7 The maximum packet size (MAXP) of endpoint x OUT is contained. MAXP = n for endpoints 0, 2, 3, 4 MAXP = n ✕ 8 for endpoint 1 “n” is a written value into this register. USB endpoint x OUT max. packet size register (address 005C16) OUT_MAXP b0 b7 Fig. 49 Structure of USB endpoint x IN max. packet size register Fig. 50 Structure of USB endpoint x OUT max. packet size register |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |