Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7641 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 38Page - Renesas Technology Corp 7641 Datasheet HTML 39Page - Renesas Technology Corp 7641 Datasheet HTML 40Page - Renesas Technology Corp 7641 Datasheet HTML 41Page - Renesas Technology Corp 7641 Datasheet HTML 42Page - Renesas Technology Corp 7641 Datasheet HTML 43Page - Renesas Technology Corp 7641 Datasheet HTML 44Page - Renesas Technology Corp 7641 Datasheet HTML 45Page - Renesas Technology Corp 7641 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 25 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FUNCTIONAL DESCRIPTION
TIMERS
The 7641 group has five timers: timer X, timer Y, timer 1, timer 2,
and timer 3. Timer X and timer Y are 16-bit timers, and timer 1,
timer 2, and timer 3 are 8-bit timers.
All timers are down count timers. When the timer reaches “0016”
or “000016”, an underflow occurs at the next count pulse and the
corresponding timer latch is reloaded into the timer and the count
is continued. When a timer underflows, the interrupt request bit
corresponding to that timer is set to “1”.
Read and write operation on 16-bit timer must be performed for
both high and low-order bytes. When reading a 16-bit timer, read
the high-order byte first. When writing to a 16-bit timer, write the
low-order byte first. The 16-bit timer cannot perform the correct
operation when reading during the write operation, or when writing
during the read operation.
Fig. 19 Timer block diagram
P44/CNTR1
P43/CNTR0
Q
T
SCSGCLK
Q
T
S
P51/TOUT/XCOUT
Timer X (low) (8)
Timer X (high) (8)
Timer X (low) latch (8)
Timer X (high) latch (8)
φ / 8
φ / 16
φ / 32
φ / 64
Timer X internal clock
select bit
Timer X count source
select bits
Timer X
operating
mode bits
“00”
“01”
Timer X count
stop bit
“11”
“10”
“0”
“1”
P54 direction register
CNTR0 active edge
switch bit
CNTR0 active edge
switch bit
P43 latch
Pulse output mode
Pulse output mode
Q
“0”
“1”
Falling edge detection
Rising edge detection
Pulse width HL continuously
measurement mode
Pulse width HL
continuously measurement,
Period measurement modes
Timer X interrupt
request
CNTR0 interrupt
request
Timer X write control bit
φ / 8
φ / 16
φ / 32
φ / 64
“00”
“01”
“11”
CNTR1 active
edge switch bit
“10”
“0”
“1”
Timer mode,
TYOUT output enabled
Timer Y
operating mode
bits
Timer Y count
stop bit
Timer Y (low) (8)
Timer Y (high) (8)
Timer Y (low) latch (8)
Timer Y (low) high (8)
Timer Y write
control bit
Q
Timer mode,
TYOUT output enabled
CNTR1 active
edge switch bit
“0”
“1”
Timer Y
operating mode
bits
“00”
“01”
“10”
“11”
Timer Y interrupt
request
CNTR1 interrupt
request
Timer 1 interrupt
request
Timer 2 interrupt
request
Timer 3 interrupt
request
Timer 1 count
source select bit
“0”
“1”
φ / 8
f(XCIN) / 2
Timer 1 count
stop bit
Timer 1 latch (8)
Timer 1 (8)
Timers 1, 2 write control
bit
Timers 1, 2 write control
bit
“0”
“1”
Timer 2 count
source select bit
Timer 2 latch (8)
Timer 2 (8)
φ
TOUT output control bit
“0”
“1”
TOUT output active
edge switch bit
TOUT output
control bit
TOUT source
select bit
Q
T
Q
Q
T
Q
Q
T
Q
Q
T
Q
TOUT output control bit
“0”
“1”
TOUT output active
edge switch bit
φ / 8
Timer 3 count
source select bit
Timer 3 latch (8)
Timer 3 (8)
“0”
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com