Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 161Page - Renesas Technology Corp SH7052 Datasheet HTML 162Page - Renesas Technology Corp SH7052 Datasheet HTML 163Page - Renesas Technology Corp SH7052 Datasheet HTML 164Page - Renesas Technology Corp SH7052 Datasheet HTML 165Page - Renesas Technology Corp SH7052 Datasheet HTML 166Page - Renesas Technology Corp SH7052 Datasheet HTML 167Page - Renesas Technology Corp SH7052 Datasheet HTML 168Page - Renesas Technology Corp SH7052 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 919 page
background image
139
Section 9 Direct Memory Access Controller (DMAC)
9.1
Overview
The SH7052F/SH7053F/SH7054F includes an on-chip four-channel direct memory access
controller (DMAC). The DMAC can be used in place of the CPU to perform high-speed data
transfers among external memories, memory-mapped external devices, and on-chip peripheral
modules (except for the DMAC, BSC, and UBC). Using the DMAC reduces the burden on the
CPU and increases the operating efficiency of the chip as a whole.
9.1.1
Features
The DMAC has the following features:
• Four channels
• 4-Gbyte address space in the architecture
• 8-, 16-, or 32-bit selectable data transfer length
• Maximum of 16 M (6,777,216) transfers
• Address modes
Both the transfer source and transfer destination are accessed by address. There are two
transfer modes: direct address and indirect address.
 Direct address transfer mode: Values set in a DMAC internal register indicate the accessed
address for both the transfer source and transfer destination. Two bus cycles are required
for one data transfer.
 Indirect address transfer mode: The value stored at the location pointed to by the address
set in the DMAC internal transfer source register is used as the address. Operation is
otherwise the same as for direct access. This function can only be set for channel 3. Four
bus cycles are required for one data transfer.
• Channel function: Dual address mode is supported on all channels.
Channel 2 has a source address reload function that reloads the source address every fourth
transfer. Direct address transfer mode or indirect address transfer mode can be specified for
channel 3.
• Reload function
Enables automatic reloading of the value set in the first source address register every fourth
DMA transfer. This function can be executed on channel 2 only.
• Transfer requests
There are two DMAC transfer activation requests, as indicated below.
 Requests from on-chip peripheral modules: Transfer requests from on-chip modules such as
the SCI or A/D. These can be received by all channels.
 Auto-request: The transfer request is generated automatically within the DMAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com