Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2135CANFP Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F2135CANFP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2135CANFP Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F2135CANFP Datasheet HTML 47Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 48Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 49Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 50Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 51Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 52Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 53Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 54Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 766 page
background image
R8C/35A Group
4. Special Function Registers (SFRs)
REJ09B0407-0010 Rev.0.10
Jan 16, 2008
Page 20 of 728
Under development Preliminary specification
Specifications in this manual are tentative and subject to change
Table 4.6
SFR Information (6) (1)
X: Undefined
Note:
1.
The blank areas are reserved and cannot be accessed by users.
Address
Register
Symbol
After Reset
0140h
Timer RD Control Register 0
TRDCR0
00h
0141h
Timer RD I/O Control Register A0
TRDIORA0
10001000b
0142h
Timer RD I/O Control Register C0
TRDIORC0
10001000b
0143h
Timer RD Status Register 0
TRDSR0
11100000b
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
11100000b
0145h
Timer RD PWM Mode Output Level Control Register 0
TRDPOCR0
11111000b
0146h
Timer RD Counter 0
TRD0
00h
0147h
00h
0148h
Timer RD General Register A0
TRDGRA0
FFh
0149h
FFh
014Ah
Timer RD General Register B0
TRDGRB0
FFh
014Bh
FFh
014Ch
Timer RD General Register C0
TRDGRC0
FFh
014Dh
FFh
014Eh
Timer RD General Register D0
TRDGRD0
FFh
014Fh
FFh
0150h
Timer RD Control Register 1
TRDCR1
00h
0151h
Timer RD I/O Control Register A1
TRDIORA1
10001000b
0152h
Timer RD I/O Control Register C1
TRDIORC1
10001000b
0153h
Timer RD Status Register 1
TRDSR1
11000000b
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
11100000b
0155h
Timer RD PWM Mode Output Level Control Register 1
TRDPOCR1
11111000b
0156h
Timer RD Counter 1
TRD1
00h
0157h
00h
0158h
Timer RD General Register A1
TRDGRA1
FFh
0159h
FFh
015Ah
Timer RD General Register B1
TRDGRB1
FFh
015Bh
FFh
015Ch
Timer RD General Register C1
TRDGRC1
FFh
015Dh
FFh
015Eh
Timer RD General Register D1
TRDGRD1
FFh
015Fh
FFh
0160h
UART1 Transmit/Receive Mode Register
U1MR
00h
0161h
UART1 Bit Rate Register
U1BRG
XXh
0162h
UART1 Transmit Buffer Register
U1TB
XXh
0163h
XXh
0164h
UART1 Transmit/Receive Control Register 0
U1C0
00001000b
0165h
UART1 Transmit/Receive Control Register 1
U1C1
00000010b
0166h
UART1 Receive Buffer Register
U1RB
XXh
0167h
XXh
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
0171h
0172h
0173h
0174h
0175h
0176h
0177h
0178h
0179h
017Ah
017Bh
017Ch
017Dh
017Eh
017Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com