Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2135CANFP Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F2135CANFP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2135CANFP Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F2135CANFP Datasheet HTML 25Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 26Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 27Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 28Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 29Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 30Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 31Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 32Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 766 page
background image
B - 4
Note:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0160h
UART1 Transmit/Receive Mode Register
U1MR
432
0161h
UART1 Bit Rate Register
U1BRG
432
0162h
UART1 Transmit Buffer Register
U1TB
433
0163h
0164h
UART1 Transmit/Receive Control Register 0
U1C0
434
0165h
UART1 Transmit/Receive Control Register 1
U1C1
434
0166h
UART1 Receive Buffer Register
U1RB
435
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
0171h
0172h
0173h
0174h
0175h
0176h
0177h
0178h
0179h
017Ah
017Bh
017Ch
017Dh
017Eh
017Fh
0180h
Timer RA Pin Select Register
TRASR
76, 217
0181h
Timer RB/RC Pin Select Register
TRBRCSR
76, 235, 261
0182h
Timer RC Pin Select Register 0
TRCPSR0
77, 262
0183h
Timer RC Pin Select Register 1
TRCPSR1
78, 263
0184h
Timer RD Pin Select Register 0
TRDPSR0
79, 320, 338,
354, 369,
384, 401
0185h
Timer RD Pin Select Register 1
TRDPSR1
79, 320, 338,
354, 369,
384, 401
0186h
Timer Pin Select Register
TIMSR
80, 419, 425
0187h
0188h
UART0 Pin Select Register
U0SR
81, 436
0189h
UART1 Pin Select Register
U1SR
81, 436
018Ah
UART2 Pin Select Register 0
U2SR0
82, 460
018Bh
UART2 Pin Select Register 1
U2SR1
82, 460
018Ch
SSU/IIC Pin Select Register
SSUIICSR
83, 499, 531
018Dh
018Eh
INT Interrupt Input Pin Select Register
INTSR
84, 165
018Fh
I/O Function Pin Select Register
PINSR
84, 128
0190h
0191h
0192h
0193h
SS Bit Counter Register
SSBR
500
0194h
SS Transmit Data Register L / IIC bus Transmit
Data Register
SSTDR /
ICDRT
500, 532
0195h
SS Transmit Data Register H
SSTDRH
0196h
SS Receive Data Register L / IIC bus Receive
Data Register
SSRDR /
ICDRR
501, 532
0197h
SS Receive Data Register H
SSRDRH
0198h
SS Control Register H / IIC bus Control
Register 1
SSCRH /
ICCR1
501, 533
0199h
SS Control Register L / IIC bus Control Register 2 SSCRL /
ICCR2
502, 534
019Ah
SS Mode Register / IIC bus Mode Register
SSMR /
ICMR
503, 535
019Bh
SS Enable Register / IIC bus Interrupt Enable
Register
SSER /
ICIER
504, 536
019Ch
SS Status Register / IIC bus Status Register
SSSR / ICSR
505, 537
019Dh
SS Mode Register 2 / Slave Address Register
SSMR2 /
SAR
506, 538
019Eh
019Fh
Address
Register
Symbol
Page
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
Flash Memory Status Register
FST
633
01B3h
01B4h
Flash Memory Control Register 0
FMR0
635
01B5h
Flash Memory Control Register 1
FMR1
637
01B6h
Flash Memory Control Register 2
FMR2
639
01B7h
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01C0h
Address Match Interrupt Register 0
RMAD0
172
01C1h
01C2h
01C3h
Address Match Interrupt Enable Register 0
AIER0
172
01C4h
Address Match Interrupt Register 1
RMAD1
172
01C5h
01C6h
01C7h
Address Match Interrupt Enable Register 1
AIER1
172
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com