Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2135CANFP Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F2135CANFP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2135CANFP Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F2135CANFP Datasheet HTML 24Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 25Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 26Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 27Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 28Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 29Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 30Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 31Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 766 page
background image
B - 3
Note:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0100h
Timer RA Control Register
TRACR
215
0101h
Timer RA I/O Control Register
TRAIOC
215, 218, 221,
223, 225, 228
0102h
Timer RA Mode Register
TRAMR
216
0103h
Timer RA Prescaler Register
TRAPRE
216
0104h
Timer RA Register
TRA
217
0105h
LIN Control Register 2
LINCR2
564
0106h
LIN Control Register
LINCR
565
0107h
LIN Status Register
LINST
565
0108h
Timer RB Control Register
TRBCR
232
0109h
Timer RB One-Shot Control Register
TRBOCR
232
010Ah
Timer RB I/O Control Register
TRBIOC
233, 236, 240,
243, 247
010Bh
Timer RB Mode Register
TRBMR
233
010Ch
Timer RB Prescaler Register
TRBPRE
234
010Dh
Timer RB Secondary Register
TRBSC
234
010Eh
Timer RB Primary Register
TRBPR
235
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter
Data Register
TRESEC
415, 423
0119h
Timer RE Minute Data Register / Compare
Data Register
TREMIN
415, 423
011Ah
Timer RE Hour Data Register
TREHR
416
011Bh
Timer RE Day of Week Data Register
TREWK
416
011Ch
Timer RE Control Register 1
TRECR1
417, 424
011Dh
Timer RE Control Register 2
TRECR2
418, 424
011Eh
Timer RE Count Source Select Register
TRECSR
419, 425
011Fh
0120h
Timer RC Mode Register
TRCMR
254
0121h
Timer RC Control Register 1
TRCCR1
255, 277, 285,
291
0122h
Timer RC Interrupt Enable Register
TRCIER
255
0123h
Timer RC Status Register
TRCSR
256
0124h
Timer RC I/O Control Register 0
TRCIOR0
257, 272, 278
0125h
Timer RC I/O Control Register 1
TRCIOR1
257, 273, 279
0126h
Timer RC Counter
TRC
258
0127h
0128h
Timer RC General Register A
TRCGRA
258
0129h
012Ah
Timer RC General Register B
TRCGRB
258
012Bh
012Ch
Timer RC General Register C
TRCGRC
258
012Dh
012Eh
Timer RC General Register D
TRCGRD
258
012Fh
Address
Register
Symbol
Page
0130h
Timer RC Control Register 2
TRCCR2
259, 285, 292
0131h
Timer RC Digital Filter Function Select
Register
TRCDF
259, 292
0132h
Timer RC Output Master Enable Register
TRCOER
260
0133h
Timer RC Trigger Control Register
TRCADCR
260
0134h
0135h
Timer RD Control Expansion Register
TRDECR
310, 325, 345,
360, 374, 390
0136h
Timer RD Trigger Control Register
TRDADCR
326, 346, 361,
391
0137h
Timer RD Start Register
TRDSTR
311, 327, 347,
362, 375, 392
0138h
Timer RD Mode Register
TRDMR
311, 328, 347,
362, 375, 392
0139h
Timer RD PWM Mode Register
TRDPMR
312, 329, 348
013Ah
Timer RD Function Control Register
TRDFCR
312, 329, 348,
363, 376, 393
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
330, 349, 364,
377, 394
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
330, 349, 364,
377, 394
013Dh
Timer RD Output Control Register
TRDOCR
331, 350, 395
013Eh
Timer RD Digital Filter Function Select
Register 0
TRDDF0
313
013Fh
Timer RD Digital Filter Function Select
Register 1
TRDDF1
313
0140h
Timer RD Control Register 0
TRDCR0
314, 332, 350,
365, 378, 396
0141h
Timer RD I/O Control Register A0
TRDIORA0
315, 333
0142h
Timer RD I/O Control Register C0
TRDIORC0
316, 334
0143h
Timer RD Status Register 0
TRDSR0
317, 335, 351,
366, 379, 397
0144h
Timer RD Interrupt Enable Register 0
TRDIER0
318, 336, 352,
367, 380, 398
0145h
Timer RD PWM Mode Output Level Control
Register 0
TRDPOCR0
352
0146h
Timer RD Counter 0
TRD0
318, 336, 353,
367, 381, 398
0147h
0148h
Timer RD General Register A0
TRDGRA0
319, 337, 353,
368, 382, 399
0149h
014Ah
Timer RD General Register B0
TRDGRB0
319, 337, 353,
368, 382, 399
014Bh
014Ch
Timer RD General Register C0
TRDGRC0
319, 337, 353,
368, 399
014Dh
014Eh
Timer RD General Register D0
TRDGRD0
319, 337, 353,
368, 382, 399
014Fh
0150h
Timer RD Control Register 1
TRDCR1
314, 332, 350,
378
0151h
Timer RD I/O Control Register A1
TRDIORA1
315, 333
0152h
Timer RD I/O Control Register C1
TRDIORC1
316, 334
0153h
Timer RD Status Register 1
TRDSR1
317, 335, 351,
366, 379, 397
0154h
Timer RD Interrupt Enable Register 1
TRDIER1
318, 336, 352,
367, 380, 398
0155h
Timer RD PWM Mode Output Level Control
Register 1
TRDPOCR1
352
0156h
Timer RD Counter 1
TRD1
318, 336, 353,
381
0157h
0158h
Timer RD General Register A1
TRDGRA1
319, 337, 353,
368, 382, 399
0159h
015Ah
Timer RD General Register B1
TRDGRB1
319, 337, 353,
368, 382, 399
015Bh
015Ch
Timer RD General Register C1
TRDGRC1
319, 337, 353,
368, 382, 399
015Dh
015Eh
Timer RD General Register D1
TRDGRD1
319, 337, 353,
368, 382, 399
015Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com