Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2135CANFP Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # R5F2135CANFP
Description  MCU M16C FAMILY / R8C/Tiny SERIES
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2135CANFP Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button R5F2135CANFP Datasheet HTML 67Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 68Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 69Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 70Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 71Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 72Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 73Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 74Page - Renesas Technology Corp R5F2135CANFP Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 766 page
background image
R8C/35A Group
6. Voltage Detection Circuit
REJ09B0407-0010 Rev.0.10
Jan 16, 2008
Page 40 of 728
Under development Preliminary specification
Specifications in this manual are tentative and subject to change
Figure 6.2
Block Diagram of Voltage Monitor 0 Reset Generation Circuit
Figure 6.3
Block Diagram of Voltage Monitor 1 Interrupt Generation Circuit
+
-
1/2
1/2
1/2
Voltage detection 0 circuit
VCA25
VCC
Internal reference voltage
When VCA25 bit is set to 0 (disabled),
voltage detection 0 signal is driven high.
Voltage
detection 0
signal
fOCO-S
VW0F1 to VW0F0
= 00b
= 01b
= 10b
= 11b
VW0C0
Voltage monitor 0 reset generation circuit
VW0C0, VW0C1, VW0F0, VW0F1: Bits in VW0C register
VCA25: Bit in VCA2 register
VDSEL0, VDSEL1: Bits in OFS register
VW0C1
Voltage monitor 0
reset signal
Digital filter
VW0C1
Level selection
VDSEL1
to VDSEL0
+
-
1/2
1/2
1/2
Voltage detection 1 circuit
VCA26
VW1C3
When VCA26 bit is set to 0 (disabled),
voltage detection 1 signal is driven high.
Voltage
detection 1
signal
fOCO-S
VW1F1 to VW1F0
= 00b
= 01b
= 10b
= 11b
VW1C2 bit is set to 0 (not detected) by writing 0 by a program.
When VCA26 bit is set to 0 (voltage detection 1 circuit disabled),
VW1C2 bit is set to 0.
VW1C2
IRQ1SEL
Maskable
interrupt signal
Voltage monitor 1 interrupt generation circuit
VW1C0 to VW1C3, VW1F0, VW1F1, VW1C6, VW1C7: Bits in VW1C register
VCA21, VCA22, VCA26: Bits in VCA2 register
VD1S0 to VD1S3: Bits in VD1LS register
COMPSEL, IRQ1SEL: Bits in CMPA register
VCA1C: Bit in VCAC register
COMPSEL
VD1S3
to VD1S0
VCA22 = 0
VCC
VW1C1 = 0
VW1C1 = 1
Digital filter
Edge
selection
circuit
VW1C0
VCA1C
VW1C7
VCA21 = 0
Internal reference voltage
Level
selection
Non-maskable
interrupt signal
Voltage monitor 1
interrupt signal
Watchdog timer
interrupt signal
Comparator A1
interrupt signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com