Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 338 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 338 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 334Page - Renesas Technology Corp 7733 Datasheet HTML 335Page - Renesas Technology Corp 7733 Datasheet HTML 336Page - Renesas Technology Corp 7733 Datasheet HTML 337Page - Renesas Technology Corp 7733 Datasheet HTML 338Page - Renesas Technology Corp 7733 Datasheet HTML 339Page - Renesas Technology Corp 7733 Datasheet HTML 340Page - Renesas Technology Corp 7733 Datasheet HTML 341Page - Renesas Technology Corp 7733 Datasheet HTML 342Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 338 / 940 page
background image
CONNECTING EXTERNAL DEVICES
7733 Group User’s Manual
12–13
12.2 Software wait
12.2 Software wait
The software wait facilitates access to external devices which require a long access time. There are two
types of software waits: wait 0 and wait 1.
The software wait is set by the wait bit (bit 2 at address 5E16) and the wait selection bit (bit 0 at address
5F16). (Refer to Table 12.2.1.) Figure 12.2.1 shows the structures of the processor mode register 0 (address
5E16) and processor mode register 1 (address 5F16). Figure 12.2.2 shows bus timing examples when the
software wait is used.
The software wait is valid only for the external area. (Access to the internal areas is always performed with
no wait.)
Table 12.2.1 Setting method of software wait
Wait bit
Wait selection bit
Software wait
Bus cycle
1
0
0
Invalid (No wait)
Wait 0
Wait 1
Cycle of “internal clock
φ divided by 2”
(clock
φ1’s cycle ! 2)
“Cycle in the no-wait state” ! 2
(clock
φ1’s cycle ! 4)
“Cycle in the no-wait state” ! 1.5
(clock
φ1’s cycle ! 3)
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com