Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 40Page - Renesas Technology Corp 7733 Datasheet HTML 41Page - Renesas Technology Corp 7733 Datasheet HTML 42Page - Renesas Technology Corp 7733 Datasheet HTML 43Page - Renesas Technology Corp 7733 Datasheet HTML 44Page - Renesas Technology Corp 7733 Datasheet HTML 45Page - Renesas Technology Corp 7733 Datasheet HTML 46Page - Renesas Technology Corp 7733 Datasheet HTML 47Page - Renesas Technology Corp 7733 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–5
2.1.5 Program counter (PC)
The program counter consists of 16 bits. This counter indicates the low-order 16 bits of a store address,
which consists of 24 bits, of an instruction to be executed next, in other words an instruction which is read
from an instruction queue buffer.
At reset, value “FF16” is set to the high-order byte (PCH) of the program counter and value “FE16” is set
to the low-order byte (PCL) of the counter. And then, immediately after reset, the contents of the reset’s
vector addresses (addresses FFFE16, FFFF16) are set to the counter.
Figure 2.1.3 shows the program counter and the program bank register.
Fig. 2.1.3 Program counter and program bank register
2.1.6 Program bank register (PG)
The program bank register consists of 8 bits. (Refer to Figure 2.1.3.) This register indicates the high-order
8 bits of a store address, which consists of 24 bits, of an instruction to be executed next, in other words
an instruction which is read from an instruction queue buffer. These 8 bits indicate “bank.” The contents
of the program bank register is automatically incremented by 1 when a carry occurs in the following cases:
•When a certain value is added to the contents of the program counter
•When the displacement is added to the program counter by executing a branch instruction and others
The contents of the program bank register is automatically decremented by 1 when a borrow occurs in the
following case:
•When a certain value is subtracted from the contents of the program counter
Therefore, when normally programming, it is not necessary to give consideration to bank boundaries.
At reset, this register is cleared to “0016.”
PCH
PCL
b7
b0 b15
b8 b7
b0
(b16)
PG
(b23)
2.1 Central processing unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com