Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 49Page - Renesas Technology Corp 7733 Datasheet HTML 50Page - Renesas Technology Corp 7733 Datasheet HTML 51Page - Renesas Technology Corp 7733 Datasheet HTML 52Page - Renesas Technology Corp 7733 Datasheet HTML 53Page - Renesas Technology Corp 7733 Datasheet HTML 54Page - Renesas Technology Corp 7733 Datasheet HTML 55Page - Renesas Technology Corp 7733 Datasheet HTML 56Page - Renesas Technology Corp 7733 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 940 page
background image
CENTRAL PROCESSING UNIT (CPU)
7733 Group User’s Manual
2–14
2.2.3 Operation of bus interface unit (BIU)
Figure 2.2.3 shows the basic operating waveforms of the bus interface unit (BIU). When accessing external
devices, some signals which are input or output to or from the external are required. For details about
these signals, refer to chapter “12. CONNECTING EXTERNAL DEVICES.”
(1) When fetching an instruction into an instruction queue buffer
Œ When an instruction which is next fetched resides at an even address
The BIU fetches two bytes of the instruction with waveform (a).
Note that when an external device which is connected by an 8-bit external data bus (BYTE = “H”)
is accessed, only one byte of the instruction is fetched.
 When an instruction which is next fetched resides at an odd address
The BIU fetches only one byte of the instruction with waveform (a). The contents at an even
address is not fetched into an instruction queue buffer.
(2) When reading or writing data from or to memory • I/O
Œ When accessing 16-bit data which starts from an even address, waveform (a) is applied. The 16-
bit data is accessed at a time.
 When accessing 16-bit data which starts from an odd address, waveform (b) is applied. The 16-bit
data is accessed by the 8 bits. Invalid data is not fetched into a data buffer.
Ž When accessing 8-bit data at an even address, waveform (a) is applied. Data at an odd address
is not fetched into a data buffer.
 When accessing 8-bit data at an odd address, waveform (a) is applied. Data at an even address
is not fetched into a data buffer.
For instructions which are affected by the data length flag (m) or index register length flag (x), an
operation is applied as follows:
• When “m” or “x” = “0,” operation Œ or  is applied.
• When “m” or “x” = “1,” operation Ž or  is applied.
2.2 Bus interface unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com