Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 73Page - Renesas Technology Corp 7733 Datasheet HTML 74Page - Renesas Technology Corp 7733 Datasheet HTML 75Page - Renesas Technology Corp 7733 Datasheet HTML 76Page - Renesas Technology Corp 7733 Datasheet HTML 77Page - Renesas Technology Corp 7733 Datasheet HTML 78Page - Renesas Technology Corp 7733 Datasheet HTML 79Page - Renesas Technology Corp 7733 Datasheet HTML 80Page - Renesas Technology Corp 7733 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 940 page
background image
7733 Group User’s Manual
3–8
PROGRAMMABLE I/O PORTS
3.3 Pull-up function
___
___
3.3.1 Pull-up function for ports P54 to P57 (KI0 to KI3)
___
___
Ports P54 to P57 (KI0 to KI3) can be pulled high by setting the port P5 pull-up selection bit (bit 6 at address
6D16). Figure 3.3.1 shows the structure of the port function control register.
When pulling ports P54 to P57 high, clear bits 4 to 7 at address D16 (Port P5 direction register) to “0.”
____
____
3.3.2 Pull-up function for ports P62 to P64 (INT0 to INT2)
____
____
Ports P62 and P63 (INT0 and INT1) can be pulled high by setting the port P6 pull-up selection bit 0 (bit 3
____
at address 6D16). Port P64 (INT2) can be pulled high by setting the port P6 pull-up selection bit 1 (bit 5
at address 6D16). Figure 3.3.1 shows the structure of the port function control register.
When pulling ports P62 to P64 high, clear bits 2 to 4 at address 1016 (port P6 direction register) to “0.”
3.3 Pull-up function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com