Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 88Page - Renesas Technology Corp 7733 Datasheet HTML 89Page - Renesas Technology Corp 7733 Datasheet HTML 90Page - Renesas Technology Corp 7733 Datasheet HTML 91Page - Renesas Technology Corp 7733 Datasheet HTML 92Page - Renesas Technology Corp 7733 Datasheet HTML 93Page - Renesas Technology Corp 7733 Datasheet HTML 94Page - Renesas Technology Corp 7733 Datasheet HTML 95Page - Renesas Technology Corp 7733 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 940 page
background image
7733 Group User's Manual
4–13
INTERRUPTS
(2) Interrupt priority level detection time
Op-code fetch cycle
Sampling pulse
(a) 7 cycles
(b) 4 cycles
(c) 2 cycles
Interrupt priority level
detection time
(Note)
Note: This pulse resides when “2 cycles of
” is selected.
b7
b6
b5
b4
b3
b2
b1
b0
0
0 0
0 1
1 0
1 1
Processor mode register 0 (address 5E 16)
Processor mode bits
Wait bit
Software reset bit
Must be fixed to “0.”
Clock
1
output selection bit
7 cycles of clock
[(a) shown below]
4 cycles of clock
[(b) shown below]
2 cycles of clock
[(c) shown below]
Interrupt priority detection time selection bits
Do not select.
(1) Interrupt priority detection time selection bits
b5, b4
4.6 Interrupt priority level detection time
When the interrupt priority level detection time has passed after sampling starts, an interrupt request is
accepted. The interrupt priority level detection time can be selected by software. Figure 4.6.1 shows the
interrupt priority level detection time. Usually, select “2 cycles of
φ” as the interrupt priority level detection
time.
4.6 Interrupt priority level detection time
Fig. 4.6.1 Interrupt priority level detection time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com